Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 23 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 23 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 19Page - Intel Corporation S5000PAL Datasheet HTML 20Page - Intel Corporation S5000PAL Datasheet HTML 21Page - Intel Corporation S5000PAL Datasheet HTML 22Page - Intel Corporation S5000PAL Datasheet HTML 23Page - Intel Corporation S5000PAL Datasheet HTML 24Page - Intel Corporation S5000PAL Datasheet HTML 25Page - Intel Corporation S5000PAL Datasheet HTML 26Page - Intel Corporation S5000PAL Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 112 page
background image
Functional Architecture
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
24
3.
Functional Architecture
The architecture and design of the Intel® Server Board S5000PAL / S5000XAL is based on the Intel
®
5000 Chipset Family. The chipset is designed for systems based on the Dual-Core Intel
® Xeon®
processor 5000 sequence with system bus speeds of 667 MHz, 1066 MHz, and 1333 MHz. The chipset
is made up of two main components: the Memory Controller Hub (MCH) for the host bridge and the ESB-
2 I/O controller hub for the I/O subsystem. This chapter provides a high-level description of the
functionality associated with each chipset component and the architectural blocks that make up this
server board. For more in depth detail of the functionality for each of the chipset components and each of
the functional architecture blocks, see the Intel
®
S5000 Server Board Family Datasheet.
Figure 9. Server Board Functional Block Diagram
Note:
The diagram above uses the Intel
® 5000P MCH as a general reference designator for both MCH
components supported on this server board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com