Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 11 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 11 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 7Page - Intel Corporation S5000PAL Datasheet HTML 8Page - Intel Corporation S5000PAL Datasheet HTML 9Page - Intel Corporation S5000PAL Datasheet HTML 10Page - Intel Corporation S5000PAL Datasheet HTML 11Page - Intel Corporation S5000PAL Datasheet HTML 12Page - Intel Corporation S5000PAL Datasheet HTML 13Page - Intel Corporation S5000PAL Datasheet HTML 14Page - Intel Corporation S5000PAL Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 112 page
background image
Introduction
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
12
1.
Introduction
This Technical Product Specification (TPS) provides board specific information detailing the features,
functionality, and high level architecture of the Intel® Server Board S5000PAL and Intel
® Server Board
S5000XAL. The Intel
® S5000 Series Chipsets Server Board Family Datasheet should also be referenced
for more in depth detail of various board sub-systems including chipset, BIOS, System Management, and
System Management software.
In addition, design level information for specific sub-systems can be obtained by ordering the External
Product Specifications (EPS) or External Design Specifications (EDS) for a given sub-system. EPS and
EDS documents are not publicly available. They are only made available under NDA with Intel and must
be ordered through your local Intel representative.
The Intel® Server Board S5000PAL/XAL may contain design defects or errors known as errata which
may cause the product to deviate from published specifications. Refer to the Intel® Server Board
S5000PAL/XAL Specification Update
for published errata.
1.1
Chapter Outline
This document is divided into the following chapters
•
Chapter 1 – Introduction
•
Chapter 2 – Server Board Overview
•
Chapter 3 – Functional Architecture
•
Chapter 4 – Platform Management
•
Chapter 5 – Connector & Header Location and Pin-out
•
Chapter 6 – Configuration Jumpers
•
Chapter 7 – Light Guided Diagnostics
•
Chapter 8 – Power and Environmental Specifications
•
Chapter 9 – Regulatory and Certification Information
•
Appendix A – Integration and Usage Tips
•
Appendix B – BMC Sensor Tables
•
Appendix C – POST Code Diagnostic LED Decoder
•
Appendix D – Post Code Errors
•
Appendix E – Supported Intel
® Server Chassis
1.2
Server Board Use Disclaimer
Intel Corporation server boards support add-in peripherals and contain a number of high-density VLSI
and power delivery components that need adequate airflow to cool. Intel ensures through its own chassis
development and testing that when Intel server building blocks are used together, the fully integrated
system will meet the intended thermal requirements of these components. It is the responsibility of the
system integrator who chooses not to use Intel developed server building blocks to consult vendor
datasheets and operating parameters to determine the amount of air flow required for their specific
application and environmental conditions. Intel Corporation cannot be held responsible if components fail
or the server board does not operate correctly when used outside any of their published operating or non-
operating limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com