Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 57 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 57 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 53Page - Intel Corporation S5000PAL Datasheet HTML 54Page - Intel Corporation S5000PAL Datasheet HTML 55Page - Intel Corporation S5000PAL Datasheet HTML 56Page - Intel Corporation S5000PAL Datasheet HTML 57Page - Intel Corporation S5000PAL Datasheet HTML 58Page - Intel Corporation S5000PAL Datasheet HTML 59Page - Intel Corporation S5000PAL Datasheet HTML 60Page - Intel Corporation S5000PAL Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 112 page
background image
Connector / Header Locations and Pin-outs
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
58
Pin
Signal Name
Description
10
P5V_KB_F
Keyboard / mouse power
11
MS_CLK_F
Mouse Clock
12
TP_PS2_12
Test point – keyboard / mouse
13
GND
Ground
14
GND
Ground
15
GND
Ground
16
GND
Ground
17
GND
Ground
5.7.8
USB 2.0 Connectors
The following table details the pin-out of the external USB connectors (J5A1, J6A2) found on the back
edge of the server board.
Table 29. External USB Connector Pin-out (J5A1, J6A2)
Pin
Signal Name
Description
1
USB_OC#_FB_1
USB_PWR
2
USB_P#N_FB_2
DATAL0 (Differential data line paired with DATAH0)
3
USB_P#N_FB_2
DATAH0 (Differential data line paired with DATAL0)
4
GND
Ground
One 2x5 header on the server board (J1J1) provides an option to support an additional two USB 2.0 ports.
The pin-out of the connector is detailed in the following table.
Table 30. Internal USB Connector Pin-out (J1J1)
Pin
Signal Name
Description
1
P5V_USB2_VBUS0
USB Power (Ports 0,1)
2
P5V_USB2_VBUS1
USB Power (Ports 0,1)
3
USB_ESB_P0N_CONN USB Port 0 Negative Signal
4
USB_ESB_P1N_CONN USB Port 0 Positive Signal
5
USB_ESB_P0P_CONN USB Port 1 Negative Signal
6
USB_ESB_P1P_CONN USB Port 1 Positive Signal
7
Ground
8
Ground
9
--
No Pin
10
TP_USB_ESB_NC
TEST POINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com