Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 12 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 12 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 8Page - Intel Corporation S5000PAL Datasheet HTML 9Page - Intel Corporation S5000PAL Datasheet HTML 10Page - Intel Corporation S5000PAL Datasheet HTML 11Page - Intel Corporation S5000PAL Datasheet HTML 12Page - Intel Corporation S5000PAL Datasheet HTML 13Page - Intel Corporation S5000PAL Datasheet HTML 14Page - Intel Corporation S5000PAL Datasheet HTML 15Page - Intel Corporation S5000PAL Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Product Overview
Revision 1.7
Intel order number: D31979-010
13
2.
Product Overview
The Intel® Server Board S5000PAL and Intel
® Server Board S5000XAL are monolithic printed circuit
boards with features that were designed to support the high-density 1U and 2U server markets.
2.1
Intel® Server Board S5000PAL / S5000XAL Feature Set
Feature
Description
Processors
771-pin LGA sockets supporting 1 or 2 Dual-Core Intel® Xeon® processors 5000 sequence,
with system bus speeds of 667 MHz, 1066 MHz, or 1333 MHz
Memory
8 Keyed DIMM slots supporting fully buffered DIMM technology (FBDIMM) memory. 240-pin
DDR2-533 and DDR2-677 FBDIMMs must be used.
Chipset
Intel® 5000 Chipset Family which includes the following components:
Intel® 5000P Memory Controller Hub or Intel® 5000X Memory Controller Hub
Intel® 6321ESB I/O Controller Hub1
Note: Intel will only make available an OEM SKU of this server board using the Intel® 5000X
Memory Controller Hub.
On-board
Connectors/Headers
External connections:
Stacked PS/2* ports for keyboard and mouse
RJ45 Serial B port
Two RJ45 NIC connectors for 10/100/1000 Mb connections
Two USB 2.0 ports
Video Connector
Internal connectors/headers:
One USB port header, capable of providing two USB 2.0 ports
One DH10 Serial A header
Six SATA ports via the ESB-2 and integrated SW RAID 0/1/10 support
One 44pin (power + I/O) ATA/100 connector for optical drive support
One Intel® Remote Management Module (Intel® RMM) connector (Intel® RMM use is
optional)
One Intel® I/O Expansion Module Connector supporting:
Dual GB NIC Intel® I/O Expansion Module (Optional)
External SAS Intel® I/O Expansion Module (Optional)
Infiniband* I/O Expansion Module (Optional)
SSI-compliant 24-pin control panel header
SSI-compliant 24-pin main power connector, supporting the ATX-12V standard on the first
20 pins
8-Pin +12V Processor Power Connector
Add-in PCI, PCI-X*, PCI
Express* Cards
One low profile riser slot supporting 1U or 2U PCIe* riser cards
One full height riser slot supporting 1U or 2U PCI-X* and PCIe* riser cards
On-board Video
ATI* ES1000 video controller with 16MB DDR SDRAM
On-board Hard Drive
Controller
Six ESB-2 SATA ports.
Intel® Embedded Server RAID Technology II with SW RAID levels 0/1/10.
Optional support for SW RAID 5 with activation key.2
LAN
Two 10/100/1000 Intel® 82563EB PHYs supporting Intel® I/O Acceleration Technology
System Fans
Six 4-pin Fan Headers supporting two processor fans, and four system fans
System Management
Support for Intel® System Management Software
1 For the remainder of this document, the Intel® 6321ESB I/O Controller Hub will be refferred to as ESB-2.
2 Onboard SATA SW RAID 5 support provided as a post-launch product feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com