Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 61 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 61 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 57Page - Intel Corporation S5000PAL Datasheet HTML 58Page - Intel Corporation S5000PAL Datasheet HTML 59Page - Intel Corporation S5000PAL Datasheet HTML 60Page - Intel Corporation S5000PAL Datasheet HTML 61Page - Intel Corporation S5000PAL Datasheet HTML 62Page - Intel Corporation S5000PAL Datasheet HTML 63Page - Intel Corporation S5000PAL Datasheet HTML 64Page - Intel Corporation S5000PAL Datasheet HTML 65Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 112 page
background image
Jumper Block Settings
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
62
Note:
Normal BMC functionality is disabled with the force BMC update jumper set to the “enabled”
position. The server should never be run with the BMC force update jumper set in this position and should
only be used when the standard firmware update process fails. This jumper should remain in the default –
disabled position when the server is running normally.
6.2
BIOS Select Jumper
The jumper block at J3H1, located just to the left of the SSI control panel header, is used to select which
BIOS image the system will boot to. Pin 1 on the jumper is identified with a ‘▼’. This jumper should only
be moved if you wish to force the BIOS to boot to the secondary bank which may hold a different version
of BIOS.
The rolling BIOS feature of the baseboard will automatically alternate the Boot BIOS to the secondary
bank in the event the BIOS image in the primary bank is corrupted and cannot boot for any reason.
TP02305
J3H1
2
3
2
3
1-2: Force BIOS
to bank 0
2-3: System is
configured for
normal operation
(factory default)
Figure 18. BIOS Select Jumper (J3H1)
Pins
What happens at system reset…
1-2
Force BIOS to bank 0
2-3
System is configured for normal operation (Default)
Note:
When performing a BIOS update procedure, the BIOS select jumper must be set to its default
position (pins 2-3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com