Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 22 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 22 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 18Page - Intel Corporation S5000PAL Datasheet HTML 19Page - Intel Corporation S5000PAL Datasheet HTML 20Page - Intel Corporation S5000PAL Datasheet HTML 21Page - Intel Corporation S5000PAL Datasheet HTML 22Page - Intel Corporation S5000PAL Datasheet HTML 23Page - Intel Corporation S5000PAL Datasheet HTML 24Page - Intel Corporation S5000PAL Datasheet HTML 25Page - Intel Corporation S5000PAL Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Product Overview
Revision 1.7
Intel order number: D31979-010
23
TP02295
256.54 [10.100]
2 x 173.99 [6.850]
H < 10.0 mm [0.394"]
Under Duct
H < 0.8 mm [0.310"]
Under VR
H < 1.5 mm [0.059"]
Under VR
143.51 [5.650]
NO Components Allowed
for Duct
0.00 [0.000]
10.16 [0.400]
182.83 [7.198]
3 x 274.32 [10.800]
298.51 [11.753]
5.08 [0.200]
5.52 [0.217]
4.83 [0.190]
2 x 77.22 [3.040]
NO Components Allowed
H < 27 mm [1.063"]
Under Duct
Figure 8. Intel® Server Board S5000PAL / S5000XAL - Primary Side Duct and VR Restrictions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com