Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 53 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 53 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 49Page - Intel Corporation S5000PAL Datasheet HTML 50Page - Intel Corporation S5000PAL Datasheet HTML 51Page - Intel Corporation S5000PAL Datasheet HTML 52Page - Intel Corporation S5000PAL Datasheet HTML 53Page - Intel Corporation S5000PAL Datasheet HTML 54Page - Intel Corporation S5000PAL Datasheet HTML 55Page - Intel Corporation S5000PAL Datasheet HTML 56Page - Intel Corporation S5000PAL Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 112 page
background image
Connector / Header Locations and Pin-outs
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
54
5.7
I/O Connector Pin-out Definition
5.7.1
VGA Connector
The following table details the pin-out definition of the VGA connector (J6A1).
Table 21. VGA Connector Pin-out (J6A1)
Pin
Signal Name
Description
1
V_IO_R_CONN
Red (analog color signal R)
2
V_IO_G_CONN
Green (analog color signal G)
3
V_IO_B_CONN
Blue (analog color signal B)
4
TP_VID_CONN_B4
No connection
5
GND
Ground
6
GND
Ground
7
GND
Ground
8
GND
Ground
9
TP_VID_CONN_B9
No Connection
10
GND
Ground
11
TP_VID_CONN_B11
No connection
12
V_IO_DDCDAT
DDCDAT
13
V_IO_HSYNC_CONN
HSYNC (horizontal sync)
14
V_IO_VSYNC_CONN
VSYNC (vertical sync)
15
V_IO_DDCCLK
DDCCLK
5.7.2
NIC Connectors
The server board provides two RJ45 NIC connectors oriented side by side on the back edge of the board
(JA8A1, JA8A2). The pin-out for each connector is identical and is defined in the following table.
Table 22. RJ-45 10/100/1000 NIC Connector Pin-out (JA8A1, JA8A2)
Pin
Signal Name
1
GND
2
P1V8_NIC
3
NIC_A_MDI3P
4
NIC_A_MDI3N
5
NIC_A_MDI2P
6
NIC_A_MDI2N
7
NIC_A_MDI1P
8
NIC_A_MDI1N
9
NIC_A_MDI0P
10
NIC_A_MDI0N
11 (D1)
NIC_LINKA_1000_N (LED
12 (D2)
NIC_LINKA_100_N (LED)
13 (D3)
NIC_ACT_LED_N
14
NIC_LINK_LED_N
15
GND
16
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com