Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 25 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 25 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 21Page - Intel Corporation S5000PAL Datasheet HTML 22Page - Intel Corporation S5000PAL Datasheet HTML 23Page - Intel Corporation S5000PAL Datasheet HTML 24Page - Intel Corporation S5000PAL Datasheet HTML 25Page - Intel Corporation S5000PAL Datasheet HTML 26Page - Intel Corporation S5000PAL Datasheet HTML 27Page - Intel Corporation S5000PAL Datasheet HTML 28Page - Intel Corporation S5000PAL Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 112 page
background image
Functional Architecture
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
26
3.1.2.1
Processor Population Rules
When two processors are installed, both must be of identical revision, core voltage, and bus/core speed.
Mixed processor steppings is supported. However, the stepping of one processor cannot be greater than
one stepping back of the other. When only one processor is installed, it must be in the socket labeled
CPU1. The other socket must be empty.
The board is designed to provide up to 130A of current per processor. Processors with higher current
requirements are not supported.
No terminator is required in the second processor socket when using a single processor configuration.
3.1.2.2
Common Enabling Kit (CEK) Design Support
The server board complies with Intel’s Common Enabling Kit (CEK) processor mounting and heat sink
retention solution. The server board ships with a CEK spring snapped onto the underside of the server
board, beneath each processor socket. The heat sink attaches to the CEK, over the top of the processor
and the thermal interface material (TIM). See the figure below for the stacking order of the chassis, CEK
spring, server board, TIM, and heat sink.
The CEK spring is removable, allowing for the use of non-Intel heat sink retention solutions.
Note:
The processor heat sink and CEK spring shown in the following diagram are for reference
purposes only. The actual processor heat sink and CEK solutions compatible with this generation server
board may be of a different design.
Heatsink assembly
Thermal interface material (TIM)
Server board
CEK spring
Chassis
Figure 10. CEK Processor Mounting
3.1.3
Memory Sub-system
On the Intel® Server Board S5000PAL / S5000XAL, the MCH provides four channels of Fully Buffered
DIMM (FB-DIMM) memory. Each channel can support up to 2 Dual Ranked FB-DIMM DDR2 DIMMs. FB-
DIMM memory channels are organized in to two branches for support of RAID 1 (mirroring). The MCH
can support up to 8 DIMMs or a maximum memory size of 32 GB physical memory in non-mirrored mode
and 16 GB physical memory in a mirrored configuration. The read bandwidth for each FB-DIMM channel
is 4.25 GB/s for DDR2 533 FB-DIMM memory which gives a total read bandwidth of 17 GB/s for four FB-
DIMM channels. Thus, this provides 8.5 GB/s of write memory bandwidth for four FB-DIMM channels.
The read bandwidth for each FB-DIMM channel is 5.3GB/s for DDR2 667 FB-DIMM memory which gives



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com