Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 35 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 35 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 31Page - Intel Corporation S5000PAL Datasheet HTML 32Page - Intel Corporation S5000PAL Datasheet HTML 33Page - Intel Corporation S5000PAL Datasheet HTML 34Page - Intel Corporation S5000PAL Datasheet HTML 35Page - Intel Corporation S5000PAL Datasheet HTML 36Page - Intel Corporation S5000PAL Datasheet HTML 37Page - Intel Corporation S5000PAL Datasheet HTML 38Page - Intel Corporation S5000PAL Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 112 page
background image
Functional Architecture
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
36
3.2.2.2
Intel
® Embedded Server RAID Technology Option ROM
The Intel
® Embedded Server RAID Technology for SATA Option ROM provides a pre-OS user interface
for the Intel
® Embedded Server RAID Technology implementation and provides the ability for an Intel®
Embedded Server RAID Technology volume to be used as a boot disk as well as to detect any faults in
the Intel
® Embedded Server RAID Technology volume(s) attached to the Intel® RAID controller.
3.2.3
Parallel ATA (PATA) Support
The integrated IDE controller of the ESB-2 ICH6 provides one IDE channel. It redefines signals on the
IDE cable to allow both host and target throttling of data and transfer rates of up to 100MB/s. For this
server board, the IDE channel was designed to provide Slim-line Optical Drive support to the platform.
The BIOS initializes and supports ATAPI devices such as CDROM, CD-RW and DVD. The IDE channel
is accessed through a single high density 44-pin connector ((J3G1) which provides both power and IO
signals. The ATA channel can be configured and enabled or disabled by accessing the BIOS Setup Utility
during POST.
Note:
The IDE connector on this server board is NOT a standard 40 IDE connector. Instead, this
connector has an additional 4 power pins over and above the standard 40 I/O pins. The design intent of
this connector is to provide support for a slim-line optical drive only.
3.2.4
USB 2.0 Support
The USB controller functionality integrated into ESB-2 provides the server board with the interface for up
to eight USB 2.0 ports. Two external connectors are located on the back edge of the server board. One
internal 2x5 header is provided, capable of supporting two optional USB 2.0 ports. Three USB ports are
routed through the bridge board connector providing optional USB support for a system Control Panel or
other USB requirements. An additional USB port is dedicated to the Intel
® Remote Management Module
(Intel
® RMM) connector.
3.3
Video Support
The server board provides an ATI* ES1000 PCI graphics accelerator, along with 16MB of video DDR
SDRAM and support circuitry for an embedded SVGA video sub-system. The ATI ES1000 chip contains
an SVGA video controller, clock generator, 2D engine, and RAMDAC in a 359-pin BGA. One 4Mx16x4
bank DDR SDRAM chip provides 16MB of video memory.
The SVGA sub-system supports a variety of modes, up to 1024 x 768 resolution in 8 / 16 / 32bpp modes
under 2D. It also supports both CRT and LCD monitors up to a 100 Hz vertical refresh rate.
Video is accessed using a standard 15-pin VGA connector found on the back edge of the server board.
Video signals are also made available through the 120-pin bridgeboard connector which provides signals
for an optional video connector to be present on the platform’s control panel. Video is routed to both the
rear video connector and a control panel video connector. Video is present at both connectors
simultaneously and cannot be disabled at either connector individually. Hot plugging the video while the
system is still running is supported.
On-board video can be disabled using the BIOS Setup Utility or when an add-in video card is installed.
System BIOS also provides the option for dual video operation when an add-in video card is configured in
the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com