Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 54 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 50Page - STMicroelectronics L9803 Datasheet HTML 51Page - STMicroelectronics L9803 Datasheet HTML 52Page - STMicroelectronics L9803 Datasheet HTML 53Page - STMicroelectronics L9803 Datasheet HTML 54Page - STMicroelectronics L9803 Datasheet HTML 55Page - STMicroelectronics L9803 Datasheet HTML 56Page - STMicroelectronics L9803 Datasheet HTML 57Page - STMicroelectronics L9803 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 126 page
background image
On-Chip Peripherals
L9803
54/126
Bit 7 = ICIE Input Capture Interrupt Enable.
0:
Interrupt is inhibited.
1:
A timer interrupt is generated whenever the ICF1 or ICF2 bits of the SR register are set
Bit 6 = OCIE Output Compare Interrupt Enable.
0:
Interrupt is inhibited.
1:
A timer interrupt is generated whenever the OCF1 or OCF2 bits of the SR register are
set
Bit 5 = TOIE Timer Overflow Interrupt Enable.
0:
Interrupt is inhibited.
1:
A timer interrupt is enabled whenever the TOF bit of the SR register is set.
Bit 4 = FOLV2 Forced Output Compare 2.
0:
No effect.
1:
Forces the OLVL2 bit to be copied to the OCMP2 pin.
Bit 3 = FOLV1 Forced Output Compare 1.
0:
No effect.
1:
Forces OLVL1 to be copied to the OCMP1 pin.
Bit 2 = OLVL2 Output Level 2.
This bit is copied to the OCMP2 pin whenever a successful comparison occurs with the
OCR2 register. This value is copied to the OCMP1 pin in One Pulse Mode and Pulse Width
Modulation mode.
Bit 1 = IEDG1 Input Edge 1.
This bit determines which type of level transition on the ICAP1 pin will trigger the capture.
0:
A falling edge triggers the capture.
1:
A rising edge triggers the capture.
Bit 0 = OLVL1 Output Level 1.
The OLVL1 bit is copied to the OCMP1 pin whenever a successful comparison occurs with
the OCR1 register.
CONTROL REGISTER 2 (CR2)
Timer1 Register Address: 0031h
Timer2 Register Address: 0041h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com