Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 14Page - STMicroelectronics L9803 Datasheet HTML 15Page - STMicroelectronics L9803 Datasheet HTML 16Page - STMicroelectronics L9803 Datasheet HTML 17Page - STMicroelectronics L9803 Datasheet HTML 18Page - STMicroelectronics L9803 Datasheet HTML 19Page - STMicroelectronics L9803 Datasheet HTML 20Page - STMicroelectronics L9803 Datasheet HTML 21Page - STMicroelectronics L9803 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 126 page
background image
Clocks, Reset, Interrupts & Power saving modes
L9803
18/126
3
Clocks, Reset, Interrupts & Power saving modes
3.1
Clock system
3.1.1
General Description
The MCU accepts either a Crystal or Ceramic resonator, or an external clock signal to drive
the internal oscillator. The internal clock (fCPU) is derived from the external oscillator
frequency (fOSC). The external Oscillator clock is first divided by 2, and an additional division
factor of 2, 4, 8, or 16 can be applied, in Slow Mode, to reduce the frequency of the fCPU;
this clock signal is also routed to the on-chip peripherals (except the CAN). The CPU clock
signal consists of a square wave with a duty cycle of 50%.
The internal oscillator is designed to operate with an AT-cut parallel resonant quartz crystal
resonator in the frequency range specified for fosc. The circuit shown in Figure 6 is
recommended when using a crystal, and Table 2 lists the recommended capacitance and
feedback resistance values. The crystal and associated components should be mounted as
close as possible to the input pins in order to minimize output distortion and start-up
stabilisation time.
Use of an external CMOS oscillator is recommended when crystals outside the specified
frequency ranges are to be used.
Table 2.
Recommended Values for 16 MHz Crystal Resonator
Note:
RSMAX is the equivalent serial resistor of the crystal (see crystal specification).
COSCIN,COSCOUT: Maximum total capacitances on pins OSCIN and OSCOUT (the value
includes the external capacitance tied to the pin plus the parasitic capacitance of the board
and of the device).
Rp: External shunt resistance. Recommended value for oscillator stability is 1M
Ω.
Figure 5.
External Clock Source Connections
RSMAX
40
Ω
60
Ω
150
Ω
COSCIN
56pF
47pF
22pF
COSCOUT
56pF
47pF
22pF
RP
1-10 M
Ω
1-10 M
Ω
1-10 M
Ω
OSCin
OSCout
EXTERNAL
CLOCK
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com