Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 57 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 53Page - STMicroelectronics L9803 Datasheet HTML 54Page - STMicroelectronics L9803 Datasheet HTML 55Page - STMicroelectronics L9803 Datasheet HTML 56Page - STMicroelectronics L9803 Datasheet HTML 57Page - STMicroelectronics L9803 Datasheet HTML 58Page - STMicroelectronics L9803 Datasheet HTML 59Page - STMicroelectronics L9803 Datasheet HTML 60Page - STMicroelectronics L9803 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 126 page
background image
L9803
On-Chip Peripherals
57/126
1:
An input capture has occurred.To clear this bit, first read the SR register, then read or
write the low byte of the ICR2 (ICLR2) register.
Bit 3 = OCF2 Output Compare Flag 2.
0:
No match (reset value)
1:
The content of the free running counter has matched the content of the OCR2 register.
To clear this bit, first read the SR register, then read or write the low byte of the OCR2
(OCLR2) register.
Bit 2-0 = Unused.
INPUT CAPTURE 1 HIGH REGISTER (ICHR1)
Timer1 Register Address: 0034h
Timer2 Register Address: 0044h
Read Only
Reset Value: Undefined
This is an 8-bit read only register that contains the high part of the counter value (transferred
by the input capture 1 event).
INPUT CAPTURE 1 LOW REGISTER (ICLR1)
Timer1 Register Address: 0035h
Timer2 Register Address: 0045h
Read Only
Reset Value: Undefined
This is an 8-bit read only register that contains the low part of the counter value (transferred
by the input capture 1 event).
7
0
MSB
LSB
7
0
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com