Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 100 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 96Page - STMicroelectronics L9803 Datasheet HTML 97Page - STMicroelectronics L9803 Datasheet HTML 98Page - STMicroelectronics L9803 Datasheet HTML 99Page - STMicroelectronics L9803 Datasheet HTML 100Page - STMicroelectronics L9803 Datasheet HTML 101Page - STMicroelectronics L9803 Datasheet HTML 102Page - STMicroelectronics L9803 Datasheet HTML 103Page - STMicroelectronics L9803 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 126 page
background image
On-Chip Peripherals
L9803
100/126
The following table summarizes the driving mode selection made by PWM_EN, IN1 and IN2
bit
Bit 4= DIR: Direction bit. This bit is meaningless when PWM_EN=0. When PWM_EN is set
the DIR bit controls the “driving direction” of the bridge. In order to implement a precise
control of the direction changes, DIR value is latched by the rising edge of the pwm signal
driving the bridge. When the signal does not have edges (i.e. pwm = 0% or 100%) the DIR
bit can not be latched and the driving direction does not change even changing DIR bit in
BCSR.
Bit 5= SC: Short Circuit flag (read only)
Bit 6= OVT: Overtemperature flag (read only)
Bit 7= PIE: Power section interrupt enable.
5.9
EEPROM (EEP)
5.9.1
Introduction
The Electrically Erasable Programmable Read Only Memory is used to store data that need
a non volatile back-up. The use of the EEPROM requires a basic protocol described in this
chapter.
Software or hardware reset and halt modes are managed immediately, stopping the action
in progress. Wait mode does not affect the programming of the EEPROM.
The Read operation of this memory is the same of a Read-Only-Memory or RAM. The erase
and programming cycles are controlled by an EEPROM control register.
The user can program 1 to 4 bytes at the same programming cycle providing that the high
part of the address is the same for the bytes to be written (only address bits A1 and A0 can
change).
The EEPROM is mono-voltage. A charge pump generates the high voltage internally to
enable the erase and programming cycles. The erase and programming cycles are chained
automatically. The global programming cycle duration is controlled by an internal circuit.
PWM_EN
IN1
IN2
Driving Mode
0X
X
Direct
1
0
0
PWM1 Up Braking
1
0
1
PWM1 Down Braking
1
1
0
PWM1 Symmetrical
11
1
PWM1/PWM2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com