Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 58 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 54Page - STMicroelectronics L9803 Datasheet HTML 55Page - STMicroelectronics L9803 Datasheet HTML 56Page - STMicroelectronics L9803 Datasheet HTML 57Page - STMicroelectronics L9803 Datasheet HTML 58Page - STMicroelectronics L9803 Datasheet HTML 59Page - STMicroelectronics L9803 Datasheet HTML 60Page - STMicroelectronics L9803 Datasheet HTML 61Page - STMicroelectronics L9803 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 126 page
background image
On-Chip Peripherals
L9803
58/126
OUTPUT COMPARE 1 HIGH REGISTER (OCHR1)
Timer1 Register Address: 0036h
Timer2 Register Address: 0046h
Read/Write
Reset Value: 1000 0000 (80h)
This is an 8-bit register that contains the high part of the value to be compared to the CHR
register.
OUTPUT COMPARE 1 LOW REGISTER (OCLR1)
Timer1 Register Address: 0037h
Timer2 Register Address: 0047h
Read/Write
Reset Value: 0000 0000 (00h)
This is an 8-bit register that contains the low part of the value to be compared to the CLR
register.
OUTPUT COMPARE 2 HIGH REGISTER (OCHR2)
Timer1 Register Address: 003Eh
Timer2 Register Address: 004Eh
Read/Write
Reset Value: 1000 0000 (80h)
This is an 8-bit register that contains the high part of the value to be compared to the CHR
register.
.
OUTPUT COMPARE 2 LOW REGISTER (OCLR2)
Timer1 Register Address: 003Fh
Timer2 Register Address: 004Fh
Read/Write
Reset Value: 0000 0000 (00h)
This is an 8-bit register that contains the low part of the value to be compared to the CLR register.
.
7
0
MSB
LSB
7
0
MSB
LSB
7
0
MSB
LSB
7
0
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com