Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 60 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 56Page - STMicroelectronics L9803 Datasheet HTML 57Page - STMicroelectronics L9803 Datasheet HTML 58Page - STMicroelectronics L9803 Datasheet HTML 59Page - STMicroelectronics L9803 Datasheet HTML 60Page - STMicroelectronics L9803 Datasheet HTML 61Page - STMicroelectronics L9803 Datasheet HTML 62Page - STMicroelectronics L9803 Datasheet HTML 63Page - STMicroelectronics L9803 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 126 page
background image
On-Chip Peripherals
L9803
60/126
INPUT CAPTURE 2 HIGH REGISTER (ICHR2)
Timer1 Register Address: 003Ch
Timer2 Register Address: 004Ch
Read Only
Reset Value: Undefined
This is an 8-bit read only register that contains the high part of the counter value (transferred
by the Input Capture 2 event).
INPUT CAPTURE 2 LOW REGISTER (ICLR2)
Timer1 Register Address: 003Dh
Timer2 Register Address: 004Dh
Read Only
Reset Value: Undefined
This is an 8-bit read only register that contains the low part of the counter value (transferred
by the Input Capture 2 event).
7
0
MSB
LSB
7
0
MSB
LSB
7
0
MSB
LSB
Table 10.
16-Bit Timer Register Map and Reset Values
Address
(Hex.)
Register
Name
76543210
Timer1: 32
Timer2: 42
CR1
Reset Value
ICIE
0
OCIE
0
TOIE
0
FOLV2
0
FOLV1
0
OLVL2
0
IEDG1
0
OLVL1
0
Timer1: 31
Timer2: 41
CR2
Reset Value
OC1E
0
OC2E
0
OPM
0
PWM
0
CC1
0
CC0
0
IEDG2
0
EXEDG
0
Timer1: 33
Timer2: 43
SR
Reset Value
ICF1
0
OCF1
0
TOF
0
ICF2
0
OCF2
0
-
0
-
0
-
0
Timer1: 34
Timer2: 44
ICHR1
Reset Value
MSB
-
------
LSB
-
Timer1: 35
Timer2: 45
ICLR1
Reset Value
MSB
-
------
LSB
-
Timer1: 36
Timer2: 46
OCHR1
Reset Value
MSB
-
------
LSB
-
Timer1: 37
Timer2: 47
OCLR1
Reset Value
MSB
-
------
LSB
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com