Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 56 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 52Page - STMicroelectronics L9803 Datasheet HTML 53Page - STMicroelectronics L9803 Datasheet HTML 54Page - STMicroelectronics L9803 Datasheet HTML 55Page - STMicroelectronics L9803 Datasheet HTML 56Page - STMicroelectronics L9803 Datasheet HTML 57Page - STMicroelectronics L9803 Datasheet HTML 58Page - STMicroelectronics L9803 Datasheet HTML 59Page - STMicroelectronics L9803 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 126 page
background image
On-Chip Peripherals
L9803
56/126
Bit 1 = IEDG2 Input Edge 2.
This bit determines which type of level transition on the ICAP2 pin will trigger the capture
0:
A falling edge triggers the capture.
1:
A rising edge triggers the capture.
Bit 0 = EXEDG External Clock Edge.
This bit determines which type of level transition on the external clock pin EXCLK will trigger
the free running counter.
0:
A falling edge triggers the free running counter.
1:
A rising edge triggers the free running counter.
STATUS REGISTER (SR)
Timer1 Register Address: 0033h
Timer2 Register Address: 0043h
Read Only
Reset Value: 0000 0000 (00h)
The three least significant bits are not used.
Bit 7 = ICF1 Input Capture Flag 1.
0:
No input capture (reset value)
1:
An input capture has occurred. To clear this bit, first read the SR register, then read or
write the low byte of the ICR1 (ICLR1) register.
Bit 6 = OCF1 Output Compare Flag 1.
0:
No match (reset value)
1:
The content of the free running counter has matched the content of the OCR1
register. To clear this bit, first read the SR register, then read or write the low byte of
the OCR1 (OCLR1) register.
Bit 5 = TOF Timer Overflow.
0:
No timer overflow (reset value)
1:
The free running counter rolled over from FFFFh to 0000h. To clear this bit, first read
the SR register, then read or write the low byte of the CR (CLR) register.
Note:
Reading or writing the ACLR register do not clear TOF.
Bit 4 = ICF2 Input Capture Flag 2.
0:
No input capture (reset value)
7
0
ICF1
OCF1
TOF
ICF2
OCF2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com