Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 85 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 81Page - STMicroelectronics L9803 Datasheet HTML 82Page - STMicroelectronics L9803 Datasheet HTML 83Page - STMicroelectronics L9803 Datasheet HTML 84Page - STMicroelectronics L9803 Datasheet HTML 85Page - STMicroelectronics L9803 Datasheet HTML 86Page - STMicroelectronics L9803 Datasheet HTML 87Page - STMicroelectronics L9803 Datasheet HTML 88Page - STMicroelectronics L9803 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 126 page
background image
L9803
On-Chip Peripherals
85/126
BIT TIMING REGISTER (BTR)
Read/Write in Standby mode
Reset Value: 23h
BS2[2:0] determine the length of Bit Segment 2.
tBS2 = tCAN * (BS2 + 1)
BS1[3:0] determine the length of Bit Segment 1.
tBS1 = tCAN * (BS1 + 1)
Note: Writing to this register is allowed only in Standby mode to prevent any accidental CAN
protocol violation through programming errors.
PAGE SELECTION REGISTER (PSR)
Read/Write
Reset Value: 00h
PAGE[2:0] determine which buffer or filter page is mapped at addresses 0010h to 001Fh.
Page 0 Registers
LAST IDENTIFIER HIGH REGISTER (LIDHR)
Read/Write
Reset Value: Undefined
7
0
0
BS22
BS21
BS20
BS13
BS12
BS11
BS10
7
0
0
0
0
0
0
PAGE2
PAGE1
PAGE0
PAGE2
PAGE1
PAGE0
Page Title
000
Diagnosis
001
Buffer 1
010
Buffer 2
011
Buffer 3
100
Filters
101
Reserved
110
Reserved
111
Reserved
7
0
LID10
LID9
LID8
LID7
LID6
LID5
LID4
LID3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com