Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 49 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 45Page - STMicroelectronics L9803 Datasheet HTML 46Page - STMicroelectronics L9803 Datasheet HTML 47Page - STMicroelectronics L9803 Datasheet HTML 48Page - STMicroelectronics L9803 Datasheet HTML 49Page - STMicroelectronics L9803 Datasheet HTML 50Page - STMicroelectronics L9803 Datasheet HTML 51Page - STMicroelectronics L9803 Datasheet HTML 52Page - STMicroelectronics L9803 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 126 page
background image
L9803
On-Chip Peripherals
49/126
The following procedure is recommended to prevent the OCFi bit from being set between
the time it is read and the write to the OCiR register:
Write to the OCiHR register (further compares are inhibited).
Read the SR register (first step of the clearance of the OCFi bit, which may be
already set).
Write to the OCiLR register (enables the output compare function and clears the
OCFi bit).
Figure 25.
Output Compare Block Diagram
Figure 26.
Output Compare Timing Diagram, Internal Clock Divided by 2
Forced Compare Output capability
When the FOLVi bit is set by software, the OLVLi bit is copied to the OCMPi pin. The OLVi bit
has to be toggled in order to toggle the OCMPi pin when it is enabled (OCiE bit=1). The
OCFi bit is then not set by hardware, and thus no interrupt request is generated.
FOLVLi bits have no effect in either One-Pulse mode or PWM mode.
OUTPUT COMPARE
16-bit
CIRCUIT
OC1R Register
16 BIT FREE RUNNING
COUNTER
OC1E
CC0
CC1
OC2E
OLVL1
OLVL2
OCIE
(Control Register 1) CR1
(Control Register 2) CR2
0
0
0
OCF2
OCF1
(Status Register) SR
16-bit
16-bit
OCMP1
OCMP2
Latch
1
Latch
2
OC2R Register
Pin
Pin
FOLV2 FOLV1
INTERNAL CPU CLOCK
TIMER CLOCK
COUNTER
OUTPUT COMPARE REGISTER
COMPARE REGISTER LATCH
OCFi AND OCMPi PIN (OLVLi=1)
CPU
writes FFFF
FFFF
FFFD
FFFD FFFE FFFF 0000
FFFC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com