Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 6Page - STMicroelectronics L9803 Datasheet HTML 7Page - STMicroelectronics L9803 Datasheet HTML 8Page - STMicroelectronics L9803 Datasheet HTML 9Page - STMicroelectronics L9803 Datasheet HTML 10Page - STMicroelectronics L9803 Datasheet HTML 11Page - STMicroelectronics L9803 Datasheet HTML 12Page - STMicroelectronics L9803 Datasheet HTML 13Page - STMicroelectronics L9803 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 126 page
background image
General description
L9803
10/126
1.2
Pin out
Figure 2.
Pin out
1.3
Pin Description
AD2-AD4: Analog input to ADC.
PA0/OCMP2_1-PA1/OCMP1_1: I/Os or Output compares on Timer 1. Alternate function
software selectable (by setting OC2E or OC1E in CR2 register: bit 6 or 7 at 0031h). When
used as an alternate function, this pin is a push-pull output as requested by Timer 1.
Otherwise, this pin is a triggered floating input or a push-pull output.
PA2/ICAP2_1-PA3/ICAP1_1: I/Os or Input captures on Timer 1. Before using this I/O as
alternate inputs, they must be configured by software in input mode (DDR=0). In this case,
these pins are a triggered floating input. Otherwise (I/O function), these pin are triggered
floating inputs or push-pull outputs.
PA4/EXTCLK_1: PA4 I/O or External Clock on Timer 1. Before using this I/O as alternate
input, it must be configured by software in input mode (DDR=0). In this case, this pin is a
triggered floating input. Otherwise (I/O function), this pin is a triggered floating input or a
push-pull output.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
64 63 62 61 60 59
58 57 56 55 54 53 52
51
50
49
17
18
19
20
21 22 23 24
29 30 31 32
25 26
27 28
NU
NU
NU
AD3
AD2
PA1/OCMP1_1
PA0/OCMP2_1
TM
VDD
OSCIN
OSCOUT
GND
NU
VBL
VBL
VBL
NU
NU
NU
NU
NU
PB1/EXTCLK_2
NU
NU
PWMO
PWMI
NRESET
CAN_H
CAN_L
GND
VDD
VB2
VB1
VBR
VBR
VBR
NU
NU
NU
NU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com