Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 88 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 84Page - STMicroelectronics L9803 Datasheet HTML 85Page - STMicroelectronics L9803 Datasheet HTML 86Page - STMicroelectronics L9803 Datasheet HTML 87Page - STMicroelectronics L9803 Datasheet HTML 88Page - STMicroelectronics L9803 Datasheet HTML 89Page - STMicroelectronics L9803 Datasheet HTML 90Page - STMicroelectronics L9803 Datasheet HTML 91Page - STMicroelectronics L9803 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 126 page
background image
On-Chip Peripherals
L9803
88/126
ACC = 0: Match for Filter/Mask0. Possible match for Filter/Mask1.
ACC = 1: No match for Filter/Mask0 and match for Filter/Mask1.
Reset by hardware when either RDY or RXIF gets reset.
Bit 2 = RDY Message Ready
− Read/Clear
Set by hardware to signal that a new error-free message is available (LOCK = 0) or that a
transmission request is pending (LOCK = 1).
Cleared by software when LOCK = 0 to release the buffer and to clear the corresponding
RXIF bit in the Interrupt Status Register.
Cleared by hardware when LOCK = 1 to indicate that the transmission request has been
serviced or cancelled.
Bit 1 = BUSY Busy Buffer
− Read Only
Set by hardware when the buffer is being filled (LOCK = 0) or emptied (LOCK = 1).
Reset by hardware when the buffer is not accessed by the CAN core for transmission nor
reception purposes.
Bit 0 = LOCK Lock Buffer
− Read/Set/Clear
Set by software to lock a buffer. No more message can be received into the buffer thus
preserving its content and making it available for transmission.
Cleared by software to make the buffer available for reception. Cancels any pending
transmission request.
Cleared by hardware once a message has been successfully transmitted provided the early
transmit interrupt mode is on. Left untouched otherwise.
Note that in order to prevent any message corruption or loss of context, LOCK cannot be set
nor reset while BUSY is set. Trying to do so will result in LOCK not changing state.
Pages 4 Registers
FILTER HIGH REGISTERS (FHRx)
Read/Write
Reset Value: Undefined
FIL[11:4] are the most significant 8 bits of a 12-bit message filter. The acceptance filter is
compared bit by bit with the identifier and the RTR bit of the incoming message. If there is a
match for the set of bits specified by the acceptance mask then the message is stored in a
receive buffer.
FILTER LOW REGISTERS (FLRx)
Read/Write
Reset Value: Undefined
7
0
FIL11
FIL10
FIL9
FIL8
FIL7
FIL6
FIL5
FlL4
7
0
FIL3
FIL2
FIL1
FIL0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com