Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 16Page - STMicroelectronics L9803 Datasheet HTML 17Page - STMicroelectronics L9803 Datasheet HTML 18Page - STMicroelectronics L9803 Datasheet HTML 19Page - STMicroelectronics L9803 Datasheet HTML 20Page - STMicroelectronics L9803 Datasheet HTML 21Page - STMicroelectronics L9803 Datasheet HTML 22Page - STMicroelectronics L9803 Datasheet HTML 23Page - STMicroelectronics L9803 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 126 page
background image
Clocks, Reset, Interrupts & Power saving modes
L9803
20/126
Figure 8.
Timing Diagram for Internal CPU Clock Frequency transitions
3.2
Oscillator safeguard
The L9803 contains an oscillator safe guard function.
This function provides a real time check of the crystal oscillator generating a reset condition
when the clock frequency has anomalous value.
If fOSC<flow, a reset is generated.
If fOSC>fhigh, a reset is generated.
A flag in the Dedicated Control Status Register indicates if the last reset is a safeguard
reset.
At the output of reset state the safeguard is disable. To activate the safeguard SFGEN bit
must be set.
Note:
Following a reset, the safeguard is disabled. Once activated it cannot be disabled, except by
a reset.
3.2.1
Dedicated Control Status Register
DCSR
Address 0022h - Read/Write
Reset Value:xx00 0000 (00h)
b6 = SGFH: Safeguard high flag. Set by an Oscillator Safeguard Reset generated for
frequency too high, cleared by software (writing zero) or Power On / Low Voltage Reset.
b1 : b2
MISCELLANEOUS REGISTER
00
01
b0
1
1
0
OSC/2
OSC/4
OSC/8
CPU CLK
VR02062B
New frequency
requested
New frequency
active when
osc/4 & osc/8 = 0
Normal mode active
(osc/4 - osc/8 stopped)
Normal mode
requested
SGFL
SGFH
SFGEN
CANDS
b3
b2
b1
PIEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com