Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 77 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 73Page - STMicroelectronics L9803 Datasheet HTML 74Page - STMicroelectronics L9803 Datasheet HTML 75Page - STMicroelectronics L9803 Datasheet HTML 76Page - STMicroelectronics L9803 Datasheet HTML 77Page - STMicroelectronics L9803 Datasheet HTML 78Page - STMicroelectronics L9803 Datasheet HTML 79Page - STMicroelectronics L9803 Datasheet HTML 80Page - STMicroelectronics L9803 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 126 page
background image
L9803
On-Chip Peripherals
77/126
Figure 38.
CAN Frames
Modes of Operation
The CAN Core unit assumes one of the seven states described below:
●
STANDBY. Standby mode is entered either on a chip reset or on resetting the RUN bit
in the Control/Status Register (CSR). Any on-going transmission or reception operation
is not interrupted and completes normally before the Bit Time Logic and the clock
prescaler are turned off for minimum power consumption. This state is signalled by the
Data Field
8 * N
Control Field
6
Arbitration Field
12
CRC Field
16
Ack Field
7
ID
DLC
CRC
Data Frame
44 + 8 * N
Arbitration Field
12
ID
DLC
Remote Frame
44
CRC Field
16
7
CRC
Control Field
6
Overload Flag
6
Overload Delimiter
8
Overload Frame
Error Flag
6
Error Delimiter
8
Error Frame
Flag Echo
≤ 6
Bus Idle
Inter-Frame Space
Suspend
8
Intermission
3
Transmission
2
2
Inter-Frame Space
or Overload Frame
Inter-Frame Space
Inter-Frame Space
or Overload Frame
Inter-Frame Space
Inter-Frame Space
or Overload Frame
Data Frame or
Remote Frame
Notes:
• 0
<= N
<= 8
• SOF = Start Of Frame
• ID = Identifier
• RTR = Remote Transmission Request
• IDE = Identifier Extension Bit
• r0 = Reserved Bit
• DLC = Data Length Code
• CRC = Cyclic Redundancy Code
• Error flag: 6 dominant bits if node is error
active else 6 recessive bits.
• Suspend transmission: applies to error
passive nodes only.
• EOF = End of Frame
• ACK = Acknowledge bit
Data Frame or
Remote Frame
Any Frame
Inter-Frame Space
or Error Frame
End Of Frame or
Error Delimiter or
Overload Delimiter
Ack Field
End Of Frame
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com