Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 63 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 59Page - STMicroelectronics L9803 Datasheet HTML 60Page - STMicroelectronics L9803 Datasheet HTML 61Page - STMicroelectronics L9803 Datasheet HTML 62Page - STMicroelectronics L9803 Datasheet HTML 63Page - STMicroelectronics L9803 Datasheet HTML 64Page - STMicroelectronics L9803 Datasheet HTML 65Page - STMicroelectronics L9803 Datasheet HTML 66Page - STMicroelectronics L9803 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 126 page
background image
L9803
On-Chip Peripherals
63/126
Figure 29.
PWM Cycle
Note:
If the CYREG value is minor or equal than DUTYREG value, PWM output remains set. With
a DUTYREG value of 0000h, the PWM output is permanently at low level, no matter of the
value of CYREG. With a DUTYREG value of FFFFh, the PWM output is permanently at high
level.
Interrupt Request
The EN_INT bit in CONREG register must be set to enable the interrupt generation. When
the 16 bits of the counter roll-over CYCLEREG value, interrupt request is set.
The interrupt request is cleared when any of the PWM registers is written.
Figure 30.
PWM Generation
5.3.3
Register Description
The PWM is associated with a 8-bit control registers, and with two 16-bit data registers,
each split in two 8-bit registers.
PWM CYCLE REGISTER LOW (CYREGL)
PWM1 Register Address: 0011h
PWM2 Register Address: 0019h
Read/Write
Reset Value: 0000 0000 (00h)
Counter
Counter is reset
OUT PWM = 1
Counter
= CYREG
OUT PWM = 0
When
When
= DUTYREG
Pulse Width Modulation cycle
COUNTER
CYREG
COMPARE
VALUE
000
t
PWM OUTPUT
t
T
(INTERNAL CLOCK) x Cyreg_value
value
Interrupt Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com