Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 34Page - STMicroelectronics L9803 Datasheet HTML 35Page - STMicroelectronics L9803 Datasheet HTML 36Page - STMicroelectronics L9803 Datasheet HTML 37Page - STMicroelectronics L9803 Datasheet HTML 38Page - STMicroelectronics L9803 Datasheet HTML 39Page - STMicroelectronics L9803 Datasheet HTML 40Page - STMicroelectronics L9803 Datasheet HTML 41Page - STMicroelectronics L9803 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 126 page
background image
On-Chip Peripherals
L9803
38/126
Dedicated Configurations
.
Table 7.
Port A Configuration
PORT A
I / O
Function
Input
Output
Alternate
Interrupt
PA0
triggered with pull-up
push-pull/open drain
OCMP2_1: Output Compare
#2 Timer 1
wake-up interrupt
(I0)
PA1
triggered with pull-up
push-pull/open drain
OCMP1_1: Output Compare
#1 Timer 1
wake-up interrupt
(I0)
PA2
triggered with pull-up
push-pull/open drain
ICAP2_1: Input Capture #2
Timer 1
wake-up interrupt
(I0)
PA3
triggered with pull-up
push-pull/open drain
ICAP1_1: Input Capture #1
Timer 1
wake-up interrupt
(I0)
PA4
triggered with pull-up
push-pull/open drain
EXTCLK_1: External Clock
Timer 1
wake-up interrupt
(I0)
PA5
triggered with pull-up
push-pull/open drain
OCMP2_2: Output Compare
#2 Timer 2
wake-up interrupt
(I0)
PA6
triggered with pull-up
push-pull/open drain
OCMP1_2: Output Compare
#1 Timer 2
wake-up interrupt
(I0)
PA7
triggered with pull-up
push-pull/open drain
ICAP2_2: Input Capture #2
Timer 2
wake-up interrupt
(I0)
Table 8.
Port B Configuration
PORT B
I / O
Function
Input
Output
Alternate
Interrupt
PB0
triggered with pull-up
push-pull/open drain
ICAP1_2: Input Capture #1
Timer 2
wake-up interrupt
(I0)
PB1
triggered with pull-up
push-pull/open drain
EXTCLK_2: External Clock
Timer 2
wake-up interrupt
(I0)
PB2(1)
Not connected to pad
Not connected to pad
PWMI: PWM input
1.
The PB2 bit is not connected to the external. It must be configured as an Input without interrupt, to be used only as an
alternate function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com