Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 86 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 82Page - STMicroelectronics L9803 Datasheet HTML 83Page - STMicroelectronics L9803 Datasheet HTML 84Page - STMicroelectronics L9803 Datasheet HTML 85Page - STMicroelectronics L9803 Datasheet HTML 86Page - STMicroelectronics L9803 Datasheet HTML 87Page - STMicroelectronics L9803 Datasheet HTML 88Page - STMicroelectronics L9803 Datasheet HTML 89Page - STMicroelectronics L9803 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 126 page
background image
On-Chip Peripherals
L9803
86/126
LID[10:3] are the most significant 8 bits of the last Identifier read on the CAN bus.
LAST IDENTIFIER LOW REGISTER (LIDLR)
Read/Write
Reset Value: Undefined
LID[2:0] are the least significant 3 bits of the last Identifier read on the CAN bus.
LRTR is the last Remote Transmission Request bit read on the CAN bus.
LDLC[3:0] is the last Data Length Code read on the CAN bus.
TRANSMIT ERROR COUNTER REG. (TECR)
Read Only
Reset Value: 00h
TEC[7:0] is the least significant byte of the 9-bit Transmit Error Counter implementing part of
the fault confinement mechanism of the CAN protocol. In case of an error during
transmission, this counter is incremented by 8. It is decremented by 1 after every successful
transmission. When the counter value exceeds 127, the CAN controller enters the error
passive state. When a value of 256 is reached, the CAN controller is disconnected from the
bus.
RECEIVE ERROR COUNTER REG. (RECR)
Page: 00h — Read Only
Reset Value: 00h
REC[7:0] is the Receive Error Counter implementing part of the fault confinement
mechanism of the CAN protocol. In case of an error during reception, this counter is
incremented by 1 or by 8 depending on the error condition as defined by the CAN standard.
After every successful reception the counter is decremented by 1 or reset to 120 if its value
was higher than 128. When the counter value exceeds 127, the CAN controller enters the
error passive state.
Pages 1,2,3 Registers
IDENTIFIER HIGH REGISTERS (IDHRx)
7
0
LID2
LID1
LID0
LRTR
LDLC3
LDLC2
LDLC1
LDLC0
7
0
TEC7
TEC6
TEC5
TEC4
TEC3
TEC2
TEC1
TEC0
7
0
REC7
REC6
REC5
REC4
REC3
REC2
REC1
REC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com