Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 68 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 64Page - STMicroelectronics L9803 Datasheet HTML 65Page - STMicroelectronics L9803 Datasheet HTML 66Page - STMicroelectronics L9803 Datasheet HTML 67Page - STMicroelectronics L9803 Datasheet HTML 68Page - STMicroelectronics L9803 Datasheet HTML 69Page - STMicroelectronics L9803 Datasheet HTML 70Page - STMicroelectronics L9803 Datasheet HTML 71Page - STMicroelectronics L9803 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 126 page
background image
On-Chip Peripherals
L9803
68/126
Figure 33.
Impedance at PWMO/I pin
5.4.3
PWMI
PWMI is an input line, directly connected to PB2 bit. The circuit translates the voltage levels
referred to VB voltage supply to the internal logic levels (see Figure 32). When the voltage
on PWMI pin is higher than VB/2 PB2 reads an high logic level.
If the bit PWMI in DCSR register is set (see Section 3.2.1), PWMI is directly connected with
the Input Capture 2 on Timer 2, which is otherwise connected in alternate function to PA7
(see Figure 34).
An internal pull down current generator (5µA) allows to detect the Open Bus condition
(external pull up missing).
If the battery or ground connection are lost, the PWMI line shows a controlled impedance
characteristic (see Figure 34).
Figure 34.
PWMI function
Describe the register DCSR (0022h) as reported in Table 1.
50K
Ω
50K
Ω
5
µA
VK
IK
14V
0
1
TIMER 2
ICAP2
PIEN
DCSR
PWM
I/O
M
U
X
PWM INPUT
PA(7) ALTERNATE INPUT
PORT
PWMI
PA7
PA(7)
PB(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com