Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 72 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 68Page - STMicroelectronics L9803 Datasheet HTML 69Page - STMicroelectronics L9803 Datasheet HTML 70Page - STMicroelectronics L9803 Datasheet HTML 71Page - STMicroelectronics L9803 Datasheet HTML 72Page - STMicroelectronics L9803 Datasheet HTML 73Page - STMicroelectronics L9803 Datasheet HTML 74Page - STMicroelectronics L9803 Datasheet HTML 75Page - STMicroelectronics L9803 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 126 page
background image
On-Chip Peripherals
L9803
72/126
T0 = 0143h = 323K (50 Celsius)
VTo = 015Ch = 348 LSB (conversion of 1.7V, sensor output)
and the sensor output is 2V, converted by the ADC in code 0110011001 = 019Ah = 410LSB,
the temperature of the chip is
TEMP = 019Ah * 0143h / 015Ch = 017Ch
equivalent to:
TEMP = 410 * 323 / 348 = 380 K = 107
°C
Note:
The sensor circuit may have two kind of error: one translating its output characteristic up
and down and the other changing its slope. The described trimming recovers only the
translation errors but can not recover slope error. After trimming, being TTRIM the trimming
temperature, the specified precision can be achieved in the range TTRIM-80, max[TTRIM+80,
150
°C]. Precision is related to the read temperature in Kelvin.
5.5.7
Register Description
CONTROL/STATUS REGISTER (ADCCSR)
Address: 0072h
—
Read/Write
Reset Value: 0010 0000 (20h)
Bit 7,6 = Reserved
Bit 5 =COCO (Read Only) Conversion Complete
COCO is set (by the ADC) as soon as a conversion is completed (results can be read).
COCO is cleared by setting ADST=1 (start of new conversion). If COCO=0 a conversion is
running, if COCO=1 no conversion is running.
Bit 4 = ADIE A/D Interrupt Enable
This bit is used to enable / disable the interrupt function:
0: interrupt disabled
1: interrupt enabled
Bit 3= Reserved
Bit 2= ADST Start Conversion
When this bit is set a new conversion starts. ADST is automatically reset when the
conversion is completed (COCO=1).
Bits 1-0 = CH1-CH0 Channel Selection
These bits select the analog input to convert. See Table 12 for reference.
7
0
0
0
COCO
ADIE
0
ADST
CH1
CH0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com