Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 21Page - STMicroelectronics L9803 Datasheet HTML 22Page - STMicroelectronics L9803 Datasheet HTML 23Page - STMicroelectronics L9803 Datasheet HTML 24Page - STMicroelectronics L9803 Datasheet HTML 25Page - STMicroelectronics L9803 Datasheet HTML 26Page - STMicroelectronics L9803 Datasheet HTML 27Page - STMicroelectronics L9803 Datasheet HTML 28Page - STMicroelectronics L9803 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 126 page
background image
L9803
Clocks, Reset, Interrupts & Power saving modes
25/126
3.5.2
External Reset
The NRESET pin is both an input and an open-drain output with integrated pull-up resistor.
When one of the internal Reset sources is active, the Reset pin is driven low to reset the
whole application.
3.5.3
Reset Operation
The duration of the Reset condition, which is also reflected on the output pin, is fixed at 4096
internal CPU Clock cycles. A Reset signal originating from an external source must have a
duration of at least 1.5 internal CPU Clock cycles in order to be recognised. At the end of the
Power-On Reset cycle, the MCU may be held in the Reset condition by an External Reset
signal. The NRESET pin may thus be used to ensure VDD has risen to a point where the
MCU can operate correctly before the user program is run. Following a Power-On Reset
event, or after exiting Halt mode, a 4096 CPU Clock cycle delay period is initiated in order to
allow the oscillator to stabilise and to ensure that recovery has taken place from the Reset
state.
During the Reset cycle, the device Reset pin acts as an output that is pulsed low. In its high
state, an internal pull-up resistor of about 300K
Ω is connected to the Reset pin. This resistor
can be pulled low by external circuitry to reset the device.
3.5.4
Power-on Reset - Low Voltage Detection
The POR/LVD function generates a static reset when the supply voltage is below a
reference value. In this way, the Power-On Reset and Low Voltage Reset function are
provided, in order to keep the system in safe condition when the voltage is too low.
The Power-Up and Power-Down thresholds are different, in order to avoid spurious reset
when the MCU starts running and sinks current from the supply.
The LVD reset circuitry generates a reset when VDD is below:
–VResetON when VDD is rising
–VResetOFF when VDD is falling
The POR/LVD function is explained in Figure 11.
Power-On Reset activates the reset pull up transistor performing a complete chip reset. In
the same way a reset can be triggered by the watchdog, by the safeguard or by external low
level at NRESET pin. An external capacitor connected between NRESET and ground can
extend the power on reset period if required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com