Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 9Page - STMicroelectronics L9803 Datasheet HTML 10Page - STMicroelectronics L9803 Datasheet HTML 11Page - STMicroelectronics L9803 Datasheet HTML 12Page - STMicroelectronics L9803 Datasheet HTML 13Page - STMicroelectronics L9803 Datasheet HTML 14Page - STMicroelectronics L9803 Datasheet HTML 15Page - STMicroelectronics L9803 Datasheet HTML 16Page - STMicroelectronics L9803 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 126 page
background image
L9803
General description
13/126
0031h
0032h
0033h
0034h-0035h
0036h-0037h
0038h-0039h
003Ah-003Bh
003Ch-003Dh
003Eh-003Fh
TIM1
T1CR2 ..
T1CR1 ..
T1SR ..
T1IC1HR ..
T1IC1LR ..
T1OC1HR ..
T1OC1LR ..
T1CHR ..
T1CLR ..
T1ACHR ..
T1ACLR ..
T1IC2HR ..
T1IC2LR ..
T1OC2HR ..
T1OC2LR ..
Timer 1 Control Register2
Timer 1 Control Register1
Timer 1 Status Register
Timer 1 Input Capture1 High Register
Timer 1 Input Capture1 Low Register
Timer 1 Output Compare1 High Register
Timer 1 Output Compare1 Low Register
Timer 1 Counter High Register
Timer 1 Counter Low Register
Timer 1 Alternate Counter High Register
Timer 1 Alternate Counter Low RegisteR
Timer 1 Input Capture2 High Register
Timer 1 Input Capture2 Low Register
Timer 1 Output Compare2 High Register
Timer 1 Output Compare2 Low Register
00h
00h
xxh
xxh
xxh
xxh
xxh
FFh
FCh
FFh
FCh
xxh
xxh
xxh
xxh
R/W
R/W
Read Only
Read Only
Read Only
R/W
R/W
Read Only
Read Only
Read Only
Read Only
Read Only
Read Only
R/W
R/W
0040h
Reserved: Write Forbidden
0041h
0042h
0043h
0044h-0045h
0046h-0047h
0048h-0049h
004Ah-004Bh
004Ch-004Dh
004Eh-004Fh
TIM2
T2CR2 ..
T2CR1 ..
T2SR ..
T2IC1HR ..
T2IC1LR ..
T2OC1HR ..
T2OC1LR ..
T2CHR ..
T2CLR ..
T2ACHR ..
T2ACLR ..
T2IC2HR ..
T2IC2LR ..
T2OC2HR ..
T2OC2LR ..
Timer 2 Control Register2
Timer 2 Control Register1
Timer 2 Status Register
Timer 2 Input Capture1 High Register
Timer 2 Input Capture1 Low Register
Timer 2 Output Compare1 High Register
Timer 2 Output Compare1 Low Register
Timer 2 Counter High Register
Timer 2 Counter Low Register
Timer 2 Alternate Counter High Register
Timer 2 Alternate Counter Low Register
Timer 2 Input Capture2 High Register
Timer 2 Input Capture2 Low Register
Timer 2 Output Compare2 High Register
Timer 2 Output Compare2 Low Register
00h
00h
xxh
xxh
xxh
xxh
xxh
FFh
FCh
00h
00h
xxh
xxh
xxh
xxh
R/W
R/W
Read Only
Read Only
Read Only
R/W
R/W
Read Only
Read Only
Read Only
Read Only
Read Only
Read Only
R/W
R/W
0050h to
0059h
RESERVED
005Ah
005Bh
005Ch
005Dh
005Eh
005Fh
0060h to
006Fh
CAN
CANISR ..
CANICR ..
CANCSR ..
CANBRPR ..
CANBTR ..
CANPSR ..
CAN Interrupt Status Register
CAN Interrupt Control Register
CAN Control/Status Register
CAN Baud Rate Prescaler
CAN Bit Timing Register
CAN Page Selection
CAN First address to
last address of PAGE X
00h
00h
00h
00h
23h
00h
--
R/W
R/W
R/W
R/W
R/W
R/W
see page
mapping and
register
description
0070h
0071h
0072h
ADC
ADCDRH ..
ADCDRL ..
ADCCSR ..
ADC Data Register High
ADC Data Register Low
ADC Control/Status Register
00h
00h
20h
Read Only
Read Only
R/W
Table 1.
Memory Map (continued)
Address
Block
Register
Label
Register name
Reset
Status
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com