Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 51 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 47Page - STMicroelectronics L9803 Datasheet HTML 48Page - STMicroelectronics L9803 Datasheet HTML 49Page - STMicroelectronics L9803 Datasheet HTML 50Page - STMicroelectronics L9803 Datasheet HTML 51Page - STMicroelectronics L9803 Datasheet HTML 52Page - STMicroelectronics L9803 Datasheet HTML 53Page - STMicroelectronics L9803 Datasheet HTML 54Page - STMicroelectronics L9803 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 126 page
background image
L9803
On-Chip Peripherals
51/126
t
= Pulse period (in seconds)
f
CPU
= CPU clock frequency (in hertz)
PRESC = Timer prescaler factor (2, 4 or 8 depending on the CC[1:0] bits,
seeTable 9: Clock Control Bits).
If the timer clock is an external clock the formula is:
Where:
t
= Pulse period (in seconds)
f
EXT
= External timer clock frequency (in hertz)
When the value of the counter is equal to the value of the contents of the OC1R register, the
OLVL1 bit is output on the OCMP1 pin (See Figure 27).
Note:
1
The OCF1 bit cannot be set by hardware in One Pulse mode but the OCF2 bit can generate
an Output Compare interrupt.
2
When the Pulse Width Modulation (PWM) and One Pulse mode (OPM) bits are both set, the
PWM mode is the only active one.
3
If OLVL1=OLVL2 a continuous signal will be seen on the OCMP1 pin.
4
The ICAP1 pin can not be used to perform input capture. The ICAP2 pin can be used to
perform input capture (ICF2 can be set and IC2R can be loaded) but the user must take
care that the counter is reset each time a valid edge occurs on the ICAP1 pin and ICF1 can
also generates interrupt if ICIE is set.
5
When One Pulse mode is used OC1R is dedicated to this mode. Nevertheless OC2R and
OCF2 can be used to indicate that a period of time has elapsed but cannot generate an
output waveform because the OLVL2 level is dedicated to One Pulse mode.
Note:
The OCF1 bit cannot be set by hardware in one pulse mode but the OCF2 bit can generate
an Output Compare interrupt.
The ICF1 bit is set when an active edge occurs and can generate an interrupt if the ICIE bit
is set.
When the Pulse Width Modulation (PWM) and One Pulse Mode (OPM) bits are both set, the
PWM mode is the only active one.
Figure 27.
One
Pulse Mode Timing
Pulse Width Modulation Mode
Pulse Width Modulation (PWM) mode enables the generation of a signal with a frequency
and pulse length determined by the value of the OC1R and OC2R registers.
COUNTER
....
FFFC FFFD FFFE
2ED0
2ED1 2ED2
2ED3
FFFC FFFD
OLVL2
OLVL2
OLVL1
ICAP1
OCMP1
compare1
Note: IEDG1=1, OCR1=2ED0h, OLVL1=0, OLVL2=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com