Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 94 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 90Page - STMicroelectronics L9803 Datasheet HTML 91Page - STMicroelectronics L9803 Datasheet HTML 92Page - STMicroelectronics L9803 Datasheet HTML 93Page - STMicroelectronics L9803 Datasheet HTML 94Page - STMicroelectronics L9803 Datasheet HTML 95Page - STMicroelectronics L9803 Datasheet HTML 96Page - STMicroelectronics L9803 Datasheet HTML 97Page - STMicroelectronics L9803 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 126 page
background image
On-Chip Peripherals
L9803
94/126
5.8.2
Main Features
The nominal current is 2A.
The low-side switch is a n-channel DMOS transistor while the high-side switch is a p-
channel DMOS transistor. Therefore no charge pump is needed.
An anti-crossconduction circuit is included: the low side DMOS is switched on only when the
high side is switched off and vice versa. This function avoid the two DMOS are switched on
together firing the high current path from battery to ground. The function is obtained by
sensing the gate voltage and therefore the delay between command and effective switch on
of the DMOS doesn’t have a fixed length.
The MCU controls all operations of the power stage through the BCSR dedicated register.
Short circuit and overtemperature conditions are reported to the CPU using dedicated error
flags.
Overtemperature and short circuit conditions switch off the bridge immediately without CPU
intervention. The function of the flags is independent of the operation mode of the bridge
(sink, source, Z).
In addition both the PWM modules can be directly connected to the power bridge. The
power bridge offers then many driving mode alternatives:
Direct Mode: the two half bridges are directly driven by IN1 and IN2 control bit in BCSR.
PWM1 Up/Down Brake Mode: the output of PWM1 drives one side of the bridge while the
other side is maintained in a fixed status.
PWM1 Symmetrical Driving Mode: PWM1 line drives directly and symmetrically both side of
the bridge.
PWM1/PWM2 Mode: PWM1 drives one side while PWM2 drives the other (two independent
half bridges).
5.8.3
Functional Description
A schematic description of the Power Bridge circuit is depicted in Figure 45. In this
schematic the transistors must be considered in ON condition when they gate is high (set).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com