Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 8Page - STMicroelectronics L9803 Datasheet HTML 9Page - STMicroelectronics L9803 Datasheet HTML 10Page - STMicroelectronics L9803 Datasheet HTML 11Page - STMicroelectronics L9803 Datasheet HTML 12Page - STMicroelectronics L9803 Datasheet HTML 13Page - STMicroelectronics L9803 Datasheet HTML 14Page - STMicroelectronics L9803 Datasheet HTML 15Page - STMicroelectronics L9803 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 126 page
background image
General description
L9803
12/126
The highest address bytes contain the user reset and interrupt vectors.
Table 1.
Memory Map
Address
Block
Register
Label
Register name
Reset
Status
Remarks
0000h
0001h
0002h
0003h
Port A
PADR ..
PADDR ..
PAOR ..
Data Register
Data Direction Register
Option Register
Not Used
00h
00h
00h
R/W
R/W
R/W
Absent
0004h
0005h
0006h
0007h
Port B
PBDR ..
PBDDR ..
PBOR ..
Data Register
Data Direction Register
Option Register
Not Used
00h
00h
00h
R/W
R/W
R/W
Absent
0008h to
000Fh
RESERVED
0010h
0011h
0012h
0013h
0014h
0015h
0016h
PWM1
P1CYRH ..
P1CYRL ..
P1DRH ..
P1DRL ..
P1CR ..
P1CTH ..
P1CTL ..
PWM1 Cycle Register High
PWM1 Cycle Register Low
PWM1 Duty Register High
PWM1 Duty Register Low
PWM1 Control Register
PWM1 Counter Register High
PWM1 Counter Register Low
00h
00h
00h
00h
00h
00h
00h
R/W
R/W
R/W
R/W
R/W
Read Only
Read Only
0017h
RESERVED
0018h
0019h
001Ah
001Bh
001Ch
001Dh
001Eh
PWM2
P2CYRH ..
P2CYRL ..
P2DRH ..
P2DRL ..
P2CR ..
P2CTH ..
P2CTL ..
PWM2 Cycle Register High
PWM2 Cycle Register Low
PWM2 Duty Register High
PWM2 Duty Register Low
PWM2 Control Register
PWM2 Counter Register High
PWM2 Counter Register Low
00h
00h
00h
00h
00h
00h
00h
R/W
R/W
R/W
R/W
R/W
Read Only
Read Only
001Fh
RESERVED
0020h
MISCR ..
Miscellaneous Register
00h
see Section 3.4
0021h
Power
Bridge
PBCSR ..
Bridge Control Status Register
00h
R/W
0022h
DCSR ..
Dedicated Control Status Register
00h
R/W
0023h to
0029h
RESERVED
002Ah
002Bh
WDG
WDGCR ..
WDGSR ..
Watchdog Control Register
Watchdog Status Register
7Fh
00h
R/W
R/W
002Ch
EEPROM
EECR ..
EEPROM Control register
00h
R/W
002Dh
002Eh
RESERVED
002Fh
0030h
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com