Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 87 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 83Page - STMicroelectronics L9803 Datasheet HTML 84Page - STMicroelectronics L9803 Datasheet HTML 85Page - STMicroelectronics L9803 Datasheet HTML 86Page - STMicroelectronics L9803 Datasheet HTML 87Page - STMicroelectronics L9803 Datasheet HTML 88Page - STMicroelectronics L9803 Datasheet HTML 89Page - STMicroelectronics L9803 Datasheet HTML 90Page - STMicroelectronics L9803 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 126 page
background image
L9803
On-Chip Peripherals
87/126
Read/Write
Reset Value: Undefined
ID[10:3] are the most significant 8 bits of the 11-bit message identifier.The identifier acts as
the message’s name, used for bus access arbitration and acceptance filtering.
IDENTIFIER LOW REGISTERS (IDLRx)
Read/Write
Reset Value: Undefined
ID[2:0] are the least significant 3 bits of the 11-bit message identifier.
RTR is the Remote Transmission Request bit. It is set to indicate a remote frame and reset
to indicate a data frame.
DLC[3:0] is the Data Length Code. It gives the number of bytes in the data field of the
message.The valid range is 0 to 8.
DATA REGISTERS (DATA0-7x)
Read/Write
Reset Value: Undefined
DATA[7:0] is a message data byte. Up to eight such bytes may be part of a message.
Writing to byte DATA7 initiates a transmit request and should always be done even when
DATA7 is not part of the message.
BUFFER CONTROL/STATUS REGs. (BCSRx)
Read/Write
Reset Value: 00h
Bit 3 = ACC Acceptance Code
− Read Only
Set by hardware with the id of the highest priority filter which accepted the message stored
in the buffer.
7
0
ID10
ID9
ID8
ID7
ID6
ID5
ID4
ID3
7
0
ID2
ID1
ID0
RTR
DLC3
DLC2
DLC1
DLC0
7
0
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
7
0
0
000
ACC
RDY
BUSY
LOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com