Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 81 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 77Page - STMicroelectronics L9803 Datasheet HTML 78Page - STMicroelectronics L9803 Datasheet HTML 79Page - STMicroelectronics L9803 Datasheet HTML 80Page - STMicroelectronics L9803 Datasheet HTML 81Page - STMicroelectronics L9803 Datasheet HTML 82Page - STMicroelectronics L9803 Datasheet HTML 83Page - STMicroelectronics L9803 Datasheet HTML 84Page - STMicroelectronics L9803 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 126 page
background image
L9803
On-Chip Peripherals
81/126
As a safeguard against programming errors, the configuration of the Bit Timing Register
(BTR) is only possible while the device is in STANDBY mode.
Figure 41.
Bit Timing
5.6.4
Register Description
The CAN registers are organized as 6 general purpose registers plus 5 pages of 16
registers spanning the same address space and primarily used for message and filter
storage. The page actually selected is defined by the content of the Page Selection
Register. Refer to Figure 42.
General Purpose Registers
INTERRUPT STATUS REGISTER (ISR)
Read/Write
Reset Value: 00h
Bit 7 = RXIF3 Receive Interrupt Flag for Buffer 3
− Read/Clear
Set by hardware to signal that a new error-free message is available in buffer 3.
Cleared by software to release buffer 3.
Also cleared by resetting bit RDY of BCSR3.
Bit 6 = RXIF2 Receive Interrupt Flag for Buffer 2
− Read/Clear
Set by hardware to signal that a new error-free message is available in buffer 2.
Cleared by software to release buffer 2.
Also cleared by resetting bit RDY of BCSR2.
Bit 5 = RXIF1 Receive Interrupt Flag for Buffer 1
− Read/Clear
Set by hardware to signal that a new error-free message is available in buffer 1.
Cleared by software to release buffer 1.
Also cleared by resetting bit RDY of BCSR1.
Bit 4 = TXIF Transmit Interrupt Flag
− Read/Clear
Set by hardware to signal that the highest priority message queued for transmission has
been successfully transmitted (ETX = 0) or that it has passed successfully the arbitration
SYNC_SEG
BIT SEGMENT 1 (BS1)
BIT SEGMENT 2 (BS2)
NOMINAL BIT TIME
1 x tCAN
tBS1
tBS2
SAMPLE POINT
TRANSMIT POINT
7
0
RXIF3
RXIF2
RXIF1
TXIF
SCIF
ORIF
TEIF
EPND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com