Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 12Page - STMicroelectronics L9803 Datasheet HTML 13Page - STMicroelectronics L9803 Datasheet HTML 14Page - STMicroelectronics L9803 Datasheet HTML 15Page - STMicroelectronics L9803 Datasheet HTML 16Page - STMicroelectronics L9803 Datasheet HTML 17Page - STMicroelectronics L9803 Datasheet HTML 18Page - STMicroelectronics L9803 Datasheet HTML 19Page - STMicroelectronics L9803 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 126 page
background image
Central Processing Unit
L9803
16/126
Stack Pointer (SP) The Stack Pointer is a 16-bit register. Since the stack is 64 bytes deep,
the most significant bits are forced as indicated in Figure 3 in order to address the stack as it
is mapped in memory.
Following an MCU Reset, or after a Reset Stack Pointer instruction (RSP), the Stack Pointer
is set to point to the next free location in the stack. It is then decremented after data has
been pushed onto the stack and incremented before data is popped from the stack.
Note: When the lower limit is exceeded, the Stack Pointer wraps around to the stack upper
limit, without indicating the stack overflow. The previously stored information is then
overwritten and therefore lost.
The upper and lower limits of the stack area are shown in the Memory Map.
The stack is used to save the CPU context during subroutine calls or interrupts. The user
may also directly manipulate the stack by means of the PUSH and POP instructions. In the
case of an interrupt (refer to Figure 4), the PCL is stored at the first location pointed to by the
SP. Then the other registers are stored in the next locations.
When an interrupt is received, the SP is decremented and the context is pushed on the
stack.
On return from interrupt, the SP is incremented and the context is popped from the stack.
A subroutine call occupies two locations and an interrupt five locations in the stack area.
Condition Code Register (CC) The Condition Code register is a 5-bit register which
indicates the result of the instruction just executed as well as the state of the processor.
These bits can be individually tested by a program and specified action taken as a result of
their state. The following paragraphs describe each bit of the CC register in turn.
Half carry bit (H) The H bit is set to 1 when a carry occurs between bits 3 and 4 of the ALU
during an ADD or ADC instruction. The H bit is useful in BCD arithmetic subroutines.
Interrupt mask (I) When the I bit is set to 1, all interrupts except the TRAP software
interrupt are disabled. Clearing this bit enables interrupts to be passed to the processor
core. Interrupts requested while I is set are latched and can be processed when I is cleared
(only one interrupt request per interrupt enable flag can be latched).
Negative (N) When set to 1, this bit indicates that the result of the last arithmetic, logical or
data manipulation is negative (i.e. the most significant bit is a logic 1).
Zero (Z) When set to 1, this bit indicates that the result of the last arithmetic, logical or data
manipulation is zero.
Carry/Borrow (C) When set, C indicates that a carry or borrow out of the ALU occured
during the last arithmetic operation. This bit is also affected during execution of bit test,
branch, shift, rotate and store instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com