Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 101 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 97Page - STMicroelectronics L9803 Datasheet HTML 98Page - STMicroelectronics L9803 Datasheet HTML 99Page - STMicroelectronics L9803 Datasheet HTML 100Page - STMicroelectronics L9803 Datasheet HTML 101Page - STMicroelectronics L9803 Datasheet HTML 102Page - STMicroelectronics L9803 Datasheet HTML 103Page - STMicroelectronics L9803 Datasheet HTML 104Page - STMicroelectronics L9803 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 126 page
background image
L9803
On-Chip Peripherals
101/126
Figure 47.
EEPROM Block Diagram
5.9.2
Functional description
Read operation (E2LAT=0)
The EEPROM can be read as a normal ROM/RAM location when the E2LAT bit of the CR
register is cleared. The address decoder selects the desired byte. The 8 sense amplifiers
evaluate the stored byte which is put on the data bus.
Write operation (E2LAT=1)
The EEPROM programming flowchart is shown in Figure 49.
To access the write mode, the LAT with E2LAT bit has to be set by software (the E2PGM bit
remains cleared). When a write access to the EEPROM area occurs, the value is latched
inside the 16 data latches according to its address.
When E2PGM bit is set by the software, all the previous bytes written in the data latches (up
to 16) are programmed in the EEPROM cells. The effective high address (row) is
determined by the last EEPROM write sequence. To avoid wrong programming, the user
must take care that all the bytes written between two programming sequences have the
same high address: only the four Least Significant Bits of the address can change.
BUFFER
ROW
DECODER
4*8 BITS
DATA LATCHES
DATA
MULTIPLEXER
HIGH VOLTAGE PUMP
EEPROM
MEMORY
MATRIX
1 ROW = 4 * 8 BITS
ADDRESS
DECODER
ADDRESS
BUS
DATA
BUS
E2ITE E2LAT E2PGM
EEPCR
.
.
.
.
.
.
32
32
8
8
4
4
12
INTERRUPT
REQUEST
FALLING
EDGE
DETECTOR
8 bit
Read amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com