Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9803 Datasheet(PDF) 117 Page - STMicroelectronics

Part # L9803
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9803 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button L9803 Datasheet HTML 113Page - STMicroelectronics L9803 Datasheet HTML 114Page - STMicroelectronics L9803 Datasheet HTML 115Page - STMicroelectronics L9803 Datasheet HTML 116Page - STMicroelectronics L9803 Datasheet HTML 117Page - STMicroelectronics L9803 Datasheet HTML 118Page - STMicroelectronics L9803 Datasheet HTML 119Page - STMicroelectronics L9803 Datasheet HTML 120Page - STMicroelectronics L9803 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 126 page
background image
L9803
Electrical Characteristics
117/126
7.3
Application diagram example
Figure 52.
Application diagram example
1M**
GND
GND
VB1
VB2
GND
GND
VDD
VDD
VCC
VCC
AGND
GND
AGND
VB
VBL
VBL
VBL
VBR
VBR
VBR
PGND
PGND
PGND
PGND
PGND
OUTL
OUTL
OUTL
OUTR
OUTR
OUTR
MOTOR
AD2
AD3
AD4
AGND
PB[1:0],PA[7:0]
TM
GND
CAN_H
CAN_L
GND
PWMI
PWMO
10K
VB
VDD
GND
VCC
GND
CANH
CANL
PWMO
PWMI
AD2
AD3
AD4
I/O PORTS
* suggested
** needed
***
***
***
***
***
***
*** needed for ADC input filtering and the values are depending on application
*
VB
1nF
1N4002
SMCJ40A-TR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com