Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 30 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 30 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 26Page - Texas Instruments CC2420-RTR1 Datasheet HTML 27Page - Texas Instruments CC2420-RTR1 Datasheet HTML 28Page - Texas Instruments CC2420-RTR1 Datasheet HTML 29Page - Texas Instruments CC2420-RTR1 Datasheet HTML 30Page - Texas Instruments CC2420-RTR1 Datasheet HTML 31Page - Texas Instruments CC2420-RTR1 Datasheet HTML 32Page - Texas Instruments CC2420-RTR1 Datasheet HTML 33Page - Texas Instruments CC2420-RTR1 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
CC2420
SWRS041B
Page 30 of 89
divided into three memory banks: TXFIFO
(bank 0), RXFIFO (bank 1) and security
(bank 2). The FIFO banks are 128 bytes
each, while the security bank is 112 bytes.
A6:0 is transmitted directly after the
RAM/Register bit as shown in Figure 9.
For RAM access, a second byte is also
required before the data transfer. This
byte contains B1:0 in bits 7 and 6,
followed by the R/W bit (0 for read+write, 1
for read). Bits 4 through 0 are don’t care
as shown in Figure 9.
For RAM write, data to be written must be
input on the SI pin directly after the
second address byte. RAM data read is
output on the SO pin simultaneously, but
may be ignored by the user if only writing
is of interest.
For RAM read, the selected byte(s) are
output on the SO pin directly after the
second address byte.
See Figure 10 for an illustration on how
multiple RAM bytes may be read or written
in one operation.
The RAM memory space is shown in
Table 6. The lower 256 bytes are used to
store FIFO data. Note that RAM access
should never be used for FIFO write
operations because the FIFO counter will
not be updated. Use RXFIFO and TXFIFO
access instead as described in section
FIFO access.
As with register data, data stored in RAM
will be retained during power down mode,
but not when the power-supply is turned
off (e.g. by disabling the voltage regulator
using the VREG_EN pin).
ADDR
CSn:
Command strobe:
Read or write a whole register (16 bit):
DATA
8MSB
ADDR
DATA
8LSB
Read 8 MSB of a register:
DATA
8MSB
ADDR
Multiple register read or write
DATA
8MSB
ADDR
DATA
8LSB
DATA
8MSB
DATA
8LSB
...
Read or write n bytes from/to RF FIFO:
DATA
byte0
ADDR
FIFO
DATA
byte1
DATA
byte2
DATA
byte3
DATA
byte n-2 DATAbyte n-1
...
ADDR
Multiple command strobes:
ADDR
ADDR
...
ADDR
ADDR
DATA
8MSB
ADDR
DATA
byte n-3
ADDR
...
Read or write n bytes from/to RAM:
ADDRH
RAM
ADDRL
RAM
DATA
ADDR
DATA
ADDR+1 DATAADDR+2
DATA
ADDR+n
...
FIFO and RAM access must be terminated with setting the CSn pin high.
Command strobes and register access may be followed by any other access,
since they are completed on the last negative edge on SCLK. They may however also be
terminated with setting CSn high, if desirable, e.g. for reading only 8 bits from a configuration
register.
Note:
Figure 10. Configuration registers write and read operations via SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com