Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 67 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 67 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 63Page - Texas Instruments CC2420-RTR1 Datasheet HTML 64Page - Texas Instruments CC2420-RTR1 Datasheet HTML 65Page - Texas Instruments CC2420-RTR1 Datasheet HTML 66Page - Texas Instruments CC2420-RTR1 Datasheet HTML 67Page - Texas Instruments CC2420-RTR1 Datasheet HTML 68Page - Texas Instruments CC2420-RTR1 Datasheet HTML 69Page - Texas Instruments CC2420-RTR1 Datasheet HTML 70Page - Texas Instruments CC2420-RTR1 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
CC2420
SWRS041B
Page 67 of 89
RXCTRL0 (0x16) – Receive control register 0
Bit
Field Name
Reset
R/W
Description
15:14
-
0
W0
Reserved, write as 0.
13:12
RXMIXBUF_CUR[1:0]
1
R/W
RX mixer buffer bias current.
0: 690uA
1: 980uA (nominal)
2: 1.16mA
3: 1.44mA
11:10
HIGH_LNA_GAIN[1:0]
0
R/W
Controls current in the LNA gain compensation branch in AGC
High gain mode.
0: Compensation disabled
1: 100 µA compensation current
2: 300 µA compensation current (Nominal)
3: 1000 µA compensation current
9:8
MED_LNA_GAIN[1:0]
2
R/W
Controls current in the LNA gain compensation branch in AGC
Med gain mode.
7:6
LOW_LNA_GAIN[1:0]
3
R/W
Controls current in the LNA gain compensation branch in AGC
Low gain mode
5:4
HIGH_LNA_CURRENT[1:0]
2
R/W
Controls main current in the LNA in AGC High gain mode
0: 240 µA LNA current (x2)
1: 480 µA LNA current (x2)
2: 640 µA LNA current (x2)
3: 1280 µA LNA current (x2)
3:2
MED_LNA_CURRENT[1:0]
1
R/W
Controls main current in the LNA in AGC Med gain mode
1:0
LOW_LNA_CURRENT[1:0]
1
R/W
Controls main current in the LNA in AGC Low gain mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com