Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 51 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 51 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 47Page - Texas Instruments CC2420-RTR1 Datasheet HTML 48Page - Texas Instruments CC2420-RTR1 Datasheet HTML 49Page - Texas Instruments CC2420-RTR1 Datasheet HTML 50Page - Texas Instruments CC2420-RTR1 Datasheet HTML 51Page - Texas Instruments CC2420-RTR1 Datasheet HTML 52Page - Texas Instruments CC2420-RTR1 Datasheet HTML 53Page - Texas Instruments CC2420-RTR1 Datasheet HTML 54Page - Texas Instruments CC2420-RTR1 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 92 page
background image
CC2420
SWRS041B
Page 51 of 89
27 VCO and PLL Self-Calibration
27.1
VCO
The VCO is completely integrated and
operates at 4800 – 4966 MHz. The VCO
frequency is divided by 2 to generate
frequencies in the desired band (2400-
2483.5 MHz).
27.2
PLL self-calibration
The VCO's characteristics will vary with
temperature, changes in supply voltages,
and the desired operating frequency.
In order to ensure reliable operation the
VCO’s bias current and tuning range are
automatically calibrated every time the RX
mode or TX mode is enabled, i.e. in the
RX_CALIBRATE, TX_CALIBRATE and
TX_ACK_CALIBRATE control states in
Figure 25 on page 44.
28 Output Power Programming
The RF output power of the device is
programmable and is controlled by the
TXCTRL.PA_LEVEL
register. Table 9
shows the output power for different
settings,
including
the
complete
programming of the TXCTRL control
register. The typical current consumption
is also shown.
PA_LEVEL
TXCTRL
register
Output Power [dBm]
Current Consumption [mA]
31
0xA0FF
0
17.4
27
0xA0FB
-1
16.5
23
0xA0F7
-3
15.2
19
0xA0F3
-5
13.9
15
0xA0EF
-7
12.5
11
0xA0EB
-10
11.2
7
0xA0E7
-15
9.9
3
0xA0E3
-25
8.5
Table 9. Output power settings and typical current consumption @ 2.45 GHz
29 Voltage Regulator
CC2420 includes a low drop-out voltage
regulator. This is used to provide a 1.8 V
power supply to the
CC2420 power
supplies. The voltage regulator should not
be used to provide power to other circuits
because
of
limited
power
sourcing
capability and noise considerations.
The voltage regulator input pin VREG_IN
is connected to the unregulated 2.1 to 3.6
V power supply. The voltage regulator is
enabled / disabled using the active high
voltage regulator enable pin VREG_EN.
The regulated 1.8 V voltage output is
available on the VREG_OUT pin. A
simplified
schematic
of
the
voltage
regulator is shown in Figure 28.
The voltage regulator requires external
components
as
described
in
the
Application Circuit section on page 19.
When disabling the voltage regulator, note
that register and RAM programming will
be lost as leakage current reduces the
output voltage on the VREG_OUT pin below
1.6 V.
CC2420 should then be reset before
the voltage regulator is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com