Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 64 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 64 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 60Page - Texas Instruments CC2420-RTR1 Datasheet HTML 61Page - Texas Instruments CC2420-RTR1 Datasheet HTML 62Page - Texas Instruments CC2420-RTR1 Datasheet HTML 63Page - Texas Instruments CC2420-RTR1 Datasheet HTML 64Page - Texas Instruments CC2420-RTR1 Datasheet HTML 65Page - Texas Instruments CC2420-RTR1 Datasheet HTML 66Page - Texas Instruments CC2420-RTR1 Datasheet HTML 67Page - Texas Instruments CC2420-RTR1 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
CC2420
SWRS041B
Page 64 of 89
MDMCTRL0 (0x11) - Modem Control Register 0
Bit
Field Name
Reset
R/W
Description
15:14
-
0
W0
Reserved, write as 0
13
RESERVED_FRAME_MODE
0
R/W
Mode for accepting reserved IEE 802.15.4 frame types when
address recognition is enabled (MDMCTRL0.ADR_DECODE = 1).
0 : Reserved frame types (100, 101, 110, 111) are rejected by
address recognition.
1 : Reserved frame types (100, 101, 110, 111) are always
accepted by address recognition. No further address decoding is
done.
When address recognition is disabled (MDMCTRL0.ADR_DECODE =
0
), all frames are received and RESERVED_FRAME_MODE is don’t
care.
12
PAN_COORDINATOR
0
R/W
Should be set high when the device is a PAN Coordinator. Used
for filtering packets with no destination address, as specified in
section 7.5.6.2 in 802.15.4, D18
11
ADR_DECODE
1
R/W
Hardware Address decode enable.
0 : Address decoding is disabled
1 : Address decoding is enabled
10:8
CCA_HYST[2:0]
2
R/W
CCA Hysteresis in dB, values 0 through 7 dB
7:6
CCA_MODE[1:0]
3
R/W
0 : Reserved
1 : CCA=1 when RSSI_VAL < CCA_THR - CCA_HYST
CCA=0 when RSSI_VAL ≥ CCA_THR
2 : CCA=1 when not receiving valid IEEE 802.15.4 data,
CCA=0 otherwise
3 : CCA=1 when RSSI_VAL < CCA_THR - CCA_HYST and not
receiving valid IEEE 802.15.4 data.
CCA=0 when RSSI_VAL ≥ CCA_THR or receiving a packet
5
AUTOCRC
1
R/W
In packet mode a CRC-16 (ITU-T) is calculated and is
transmitted after the last data byte in TX. In RX CRC is
calculated and checked for validity.
4
AUTOACK
0
R/W
If AUTOACK is set, all packets accepted by address recognition
with the acknowledge request flag set and a valid CRC are
acknowledged 12 symbol periods after being received.
3:0
PREAMBLE_LENGTH
[3:0]
2
R/W
The number of preamble bytes (2 zero-symbols) to be sent in TX
mode prior to the SYNCWORD, encoded in steps of 2. The reset
value of 2 is compliant with IEEE 802.15.4, since the 4
th zero
byte is included in the SYNCWORD.
0 : 1 leading zero bytes (not recommended)
1 : 2 leading zero bytes (not recommended)
2 : 3 leading zero bytes (IEEE 802.15.4 compliant)
3 : 4 leading zero bytes
15 : 16 leading zero bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com