Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 66 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 66 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 62Page - Texas Instruments CC2420-RTR1 Datasheet HTML 63Page - Texas Instruments CC2420-RTR1 Datasheet HTML 64Page - Texas Instruments CC2420-RTR1 Datasheet HTML 65Page - Texas Instruments CC2420-RTR1 Datasheet HTML 66Page - Texas Instruments CC2420-RTR1 Datasheet HTML 67Page - Texas Instruments CC2420-RTR1 Datasheet HTML 68Page - Texas Instruments CC2420-RTR1 Datasheet HTML 69Page - Texas Instruments CC2420-RTR1 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
CC2420
SWRS041B
Page 66 of 89
SYNCWORD (0x14) - Sync Word
Bit
Field Name
Reset
R/W
Description
15:0
SYNCWORD[15:0]
0xA70F
R/W
Synchronisation word. The SYNCWORD is processed from the
least significant nibble (F at reset) to the most significant nibble
(A at reset).
SYNCWORD
is used both during modulation (where 0xF’s are
replaced with 0x0’s) and during demodulation (where 0xF’s are
not required for frame synchronisation). In reception an implicit
zero is required before the first symbol required by SYNCWORD.
The reset value is compliant with IEEE 802.15.4.
TXCTRL (0x15) - Transmit Control Register
Bit
Field Name
Reset
R/W
Description
15:14
TXMIXBUF_CUR[1:0]
2
R/W
TX mixer buffer bias current.
0: 690uA
1: 980uA
2: 1.16mA (nominal)
3: 1.44mA
13
TX_TURNAROUND
1
R/W
Sets the wait time after STXON before transmission is started.
0 : 8 symbol periods (128 us)
1 : 12 symbol periods (192 us)
12:11
TXMIX_CAP_ARRAY[1:0]
0
R/W
Selects varactor array settings in the transmit mixers.
10:9
TXMIX_CURRENT[1:0]
0
R/W
Transmit mixers current:
0: 1.72 mA
1: 1.88 mA
2: 2.05 mA
3: 2.21 mA
8:6
PA_CURRENT[2:0]
3
R/W
Current programming of the PA
0: -3 current adjustment
1: -2 current adjustment
2: -1 current adjustment
3: Nominal setting
4: +1 current adjustment
5: +2 current adjustment
6: +3 current adjustment
7: +4 current adjustment
5
-
1
W1
Reserved, write as 1.
4:0
PA_LEVEL[4:0]
31
R/W
Output PA level. (~0 dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com