Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 38 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 38 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 34Page - Texas Instruments CC2420-RTR1 Datasheet HTML 35Page - Texas Instruments CC2420-RTR1 Datasheet HTML 36Page - Texas Instruments CC2420-RTR1 Datasheet HTML 37Page - Texas Instruments CC2420-RTR1 Datasheet HTML 38Page - Texas Instruments CC2420-RTR1 Datasheet HTML 39Page - Texas Instruments CC2420-RTR1 Datasheet HTML 40Page - Texas Instruments CC2420-RTR1 Datasheet HTML 41Page - Texas Instruments CC2420-RTR1 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
CC2420
SWRS041B
Page 38 of 89
There is no hardware support for the data
sequence number, this field must be
inserted and verified by software.
CC2420
includes
hardware
address
recognition, as described in the Address
Recognition section on page 41.
Bits: 0-2
3
4
5
6
7-9
10-11
12-13
14-15
Frame
Type
Security
Enabled
Frame
Pending
Acknowledge
request
Intra
PAN
Reserved
Destination
addressing
mode
Reserved
Source
addressing
mode
Figure 19. Format of the Frame Control Field (FCF) [1]
16.4
Frame check sequence
A 2-byte frame check sequence (FCS)
follows the last MAC payload byte as
shown in Figure 17. The FCS is calculated
over the MPDU, i.e. the length field is not
part of the FCS. This field is automatically
generated and verified by hardware when
the MODEMCTRL0.AUTOCRC control bit is
set. It is recommended to always have this
enabled,
except
possibly
for
debug
purposes. If cleared, CRC generation and
verification
must
be
performed
by
software.
The FCS polynomial is [1]:
x
16 + x12 + x5 + 1
The
CC2420 hardware implementation is
shown in Figure 20. Please refer to [1] for
further details.
In transmit mode the FCS is appended at
the correct position defined by the length
field. The FCS is not written to the
TXFIFO, but stored in a separate 16-bit
register.
In receive mode the FCS is verified by
hardware. The user is normally only
interested in the correctness of the FCS,
not the FCS sequence itself. The FCS
sequence itself is therefore not written to
the RXFIFO during receive.
Instead, when MODEMCTRL0.AUTOCRC is
set the two FCS bytes are replaced by the
RSSI value, average correlation value
(used for LQI) and CRC OK/not OK. This
is illustrated in Figure 21.
The first FCS byte is replaced by the 8-bit
RSSI value. This RSSI value is measured
over the first 8 symbols following the SFD.
See the RSSI section on page 48 for
details.
The 7 least significant bits in the last FCS
byte
are
replaced
by
the
average
correlation value of the 8 first symbols of
the received PHY header (length field) and
PHY Service Data Unit (PSDU). This
correlation value may be used as a basis
for calculating the LQI. See the Link
Quality Indication section on page 49 for
details.
The most significant bit in the last byte of
each frame is set high if the CRC of the
received
frame
is
correct
and
low
otherwise.
r0
r1
r2
r3
r4
r5
r6
r7
r8
r9
r10
r11
r12
r13
r14
r15
Data
input
(LSB
first)
Figure 20.
CC2420 Frame Check Sequence (FCS) hardware implementation [1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com