Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 22 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 18Page - Texas Instruments CC2420-RTR1 Datasheet HTML 19Page - Texas Instruments CC2420-RTR1 Datasheet HTML 20Page - Texas Instruments CC2420-RTR1 Datasheet HTML 21Page - Texas Instruments CC2420-RTR1 Datasheet HTML 22Page - Texas Instruments CC2420-RTR1 Datasheet HTML 23Page - Texas Instruments CC2420-RTR1 Datasheet HTML 24Page - Texas Instruments CC2420-RTR1 Datasheet HTML 25Page - Texas Instruments CC2420-RTR1 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 92 page
background image
CC2420
SWRS041B
Page 22 of 89
35
34
33
32
31
30
29
28
27
26
25
36
1
2
3
4
5
6
7
8
9
10
11
12
QLP48
7x7
CC2420
RF
Transceiver
RF_P
RF_N
AVDD_PRE
AVDD_RF1
TXRX_SWITCH
AVDD_VCO
VCO_GUARD
AVDD_SW
GND
GND
NC
NC
CSn
FIFO
FIFOP
CCA
SFD
DVDD1.8
SCLK
DVDD_RAM
SI
SO
DVDD3.3
NC
XTAL
C391
C381
R451
3.3 V
Power
supply
L61
C42
Folded
dipole
antenna
L71
Figure 5. Suggested application circuit with differential antenna (folded dipole)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com