Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 20 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 20 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 16Page - Texas Instruments CC2420-RTR1 Datasheet HTML 17Page - Texas Instruments CC2420-RTR1 Datasheet HTML 18Page - Texas Instruments CC2420-RTR1 Datasheet HTML 19Page - Texas Instruments CC2420-RTR1 Datasheet HTML 20Page - Texas Instruments CC2420-RTR1 Datasheet HTML 21Page - Texas Instruments CC2420-RTR1 Datasheet HTML 22Page - Texas Instruments CC2420-RTR1 Datasheet HTML 23Page - Texas Instruments CC2420-RTR1 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 92 page
background image
CC2420
SWRS041B
Page 20 of 89
Ref
Description
C42
Voltage regulator load capacitance
C61
Balun and match
C62
DC block to antenna and match
C71
Front-end bias decoupling and match
C81
Balun and match
C381
16MHz crystal load capacitor, see page 53
C391
16MHz crystal load capacitor, see page 53
L61
DC bias and match
L62
DC bias and match
L71
DC bias and match
L81
Balun and match
R451
Precision resistor for current reference generator
XTAL
16MHz crystal, see page 53
Table 1. Overview of external components
35
34
33
32
31
30
29
28
27
26
25
36
1
2
3
4
5
6
7
8
9
10
11
12
QLP48
7x7
CC2420
RF
Transceiver
RF_P
RF_N
AVDD_PRE
AVDD_RF1
TXRX_SWITCH
AVDD_VCO
VCO_GUARD
AVDD_SW
GND
GND
NC
NC
CSn
FIFO
FIFOP
CCA
SFD
DVDD1.8
SCLK
DVDD_RAM
SI
SO
DVDD3.3
NC
XTAL
3.3 V
Power
supply
λ/2
λ/2
Antenna
(50 Ohm)
L61
C81
L81
L71
R451
C42
C391
C381
Figure 3. Typical application circuit with transmission line balun for single-ended
operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com