Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 28 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 28 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 24Page - Texas Instruments CC2420-RTR1 Datasheet HTML 25Page - Texas Instruments CC2420-RTR1 Datasheet HTML 26Page - Texas Instruments CC2420-RTR1 Datasheet HTML 27Page - Texas Instruments CC2420-RTR1 Datasheet HTML 28Page - Texas Instruments CC2420-RTR1 Datasheet HTML 29Page - Texas Instruments CC2420-RTR1 Datasheet HTML 30Page - Texas Instruments CC2420-RTR1 Datasheet HTML 31Page - Texas Instruments CC2420-RTR1 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
CC2420
SWRS041B
Page 28 of 89
0
0
A5
A4
A3
A2
A0
A1
D
W15 DW14 DW13
D
W12
D
W11 DW10
D
W9
D
W8
D
W7
D
W6
D
W5
D
W4
D
W3
D
W2
D
W1
D
W0
S7
S6
S5
S4
S3
S2
S0
S1
0
1
A5
A4
A3
A2
A0
A1
D
R15
D
R14
D
R13
D
R12
D
R11
D
R10
D
R9
D
R8
D
R7
D
R6
D
R5
D
R4
D
R3
D
R2
D
R1
D
R0
S7
S6
S5
S4
S3
S2
S0
S1
Read from register / RXFIFO:
Write to register / RXFIFO:
X
X
X
X
X
D
R15
SCLK
CSn
SI
SO
SI
SO
t
sp
t
ch
t
sd
t
hd
t
ns
t
cl
1
A6
A5
A4
A3
A2
A0
A1
B1
B0
0
X
X
X
X
X
D
W7
D
W6
D
W5
D
W4
D
W3
D
W2
D
W1
D
W0
S7
S6
S5
S4
S3
S2
S0
S1
1
A6
A5
A4
A3
A2
A0
A1
D
R7
D
R6
D
R5
D
R4
D
R3
D
R2
D
R1
D
R0
S7
S6
S5
S4
S3
S2
S0
S1
Read one byte from RAM: (multiple reads also possible)
Read and write one byte to RAM: (multiple read / writes also possible)
X
X
X
X
X
D
R7
B1
B0
1
X
X
X
X
X
X
X
SI
SO
SI
SO
D
R7
D
R6
D
R5
D
R4
D
R3
D
R2
D
R1
D
R0
D
R7
0
0
A5
A4
A3
A2
A0
A1
D
W7
D
W6
D
W5
D
W4
D
W3
D
W2
D
W1
D
W0
D
W7
D
W6
D
W5
D
W4
D
W3
D
W2
D
W1
D
W0
S7
S6
S5
S4
S3
S2
S0
S1
Write to TXFIFO:
X
X
X
SI
SO
S7
S6
S5
S4
S3
S2
S0
S1
S7
S6
S5
S4
S3
S2
S0
S1
S7
Figure 9. SPI timing diagram
Parameter
Symbol
Min
Max
Units
Conditions
SCLK
, clock
frequency
FSCLK
10
MHz
SCLK
low
pulse
duration
tcl
25
ns
The minimum time SCLK must be low.
SCLK
high
pulse
duration
tch
25
ns
The minimum time SCLK must be high.
CSn
setup
time
tsp
25
ns
The minimum time CSn must be low before the first
positive
edge of SCLK.
CSn
hold time
tns
25
ns
The minimum time CSn must be held low after the
last negative edge of SCLK.
SI
setup time
tsd
25
ns
The minimum time data on SI must be ready
before the positive edge of SCLK.
SI
hold time
thd
25
ns
The minimum time data must be held at SI, after
the positive edge of SCLK.
Rise time
trise
100
ns
The maximum rise time for SCLK and CSn
Fall time
tfall
100
ns
The maximum fall time for SCLK and CSn
Note: The set-up- and hold-times refer to 50% of VDD.
Table 4. SPI timing specification
13.3
Status byte
During transfer of the register access byte,
command strobes, the first RAM address
byte and data transfer to the TXFIFO, the
CC2420 status byte is returned on the SO
pin. The status byte contains 6 status bits
which are described in Table 5.
Issuing a SNOP (no operation) command
strobe may be used to read the status
byte. It may also be read during access to
chip functions such as register or FIFO
access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com