Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 85 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 85 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 81Page - Texas Instruments CC2420-RTR1 Datasheet HTML 82Page - Texas Instruments CC2420-RTR1 Datasheet HTML 83Page - Texas Instruments CC2420-RTR1 Datasheet HTML 84Page - Texas Instruments CC2420-RTR1 Datasheet HTML 85Page - Texas Instruments CC2420-RTR1 Datasheet HTML 86Page - Texas Instruments CC2420-RTR1 Datasheet HTML 87Page - Texas Instruments CC2420-RTR1 Datasheet HTML 88Page - Texas Instruments CC2420-RTR1 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 92 page
background image
CC2420
SWRS041B
Page 85 of 89
40.3
Plastic tube specification
QLP 7x7mm antistatic tube.
Tube Specification
Package
Tube Width
Tube Height
Tube Length
Units per Tube
QLP 48
8.5
± 0.2 mm
2.2 +0.2/-0.1 mm
315
± 1.25 mm
43
40.4
Carrier tape and reel specification
Carrier tape and reel is in accordance with EIA Specification 481.
Tape and Reel Specification
Package
Tape Width
Component
Pitch
Hole
Pitch
Reel
Diameter
Units per Reel
QLP 48
16 mm
12 mm
4 mm
13 inch
4000
41 Ordering Information
Chipcon Part
Number
TI Part Number
Description
Minimum Order
Quantity (MOQ)
CC2420-RTB1
CC2420RTC
Single-chip RF Transceiver. CC2420, QLP48 package, RoHS
compliant Pb-free assembly in tubes with 43 pcs per tube.
43 (tube)
CC2420-RTR1
CC2420RTCR
Single-chip RF Transceiver.. CC2420, QLP48 package, RoHS
compliant Pb-free assembly, T&R with 4000 pcs per reel.
4000 (tape and reel)
CC2420Z-RTB1
CC2420ZRTC
Single-chip RF Transceiver including royalty for using TI’s
ZigBee Software Stack, Z-Stack™, in an end product. CC2420,
QLP48 package, RoHS compliant Pb-free assembly in tubes
with 43 pcs per tube.
43 (tube)
CC2420Z-RTR1
CC2420ZRTCR
Single-chip RF Transceiver including royalty for using TI’s
ZigBee Software Stack, Z-Stack™, in an end product. CC2420,
QLP48 package, RoHS compliant Pb-free assembly, T&R with
4000 pcs per reel
4000 (tape and reel)
CC2420ZDK
CC2420ZDK
CC2420ZDK ZigBee Development Kit
1
CC2420ZDK-Pro
CC2420ZDK-Pro
CC2420ZDK-Pro ZigBee Development Kit Pro
1
CC2420DBK
CC2420DBK
CC2420DBK Demonstration Board Kit
1
CC2420DK
CC2420DK
CC2420DK Development Kit
1
CC2420EMK
CC2420EMK
CC2420DBK Evaluation Module Kit
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com