Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 19 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 19 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 15Page - Texas Instruments CC2420-RTR1 Datasheet HTML 16Page - Texas Instruments CC2420-RTR1 Datasheet HTML 17Page - Texas Instruments CC2420-RTR1 Datasheet HTML 18Page - Texas Instruments CC2420-RTR1 Datasheet HTML 19Page - Texas Instruments CC2420-RTR1 Datasheet HTML 20Page - Texas Instruments CC2420-RTR1 Datasheet HTML 21Page - Texas Instruments CC2420-RTR1 Datasheet HTML 22Page - Texas Instruments CC2420-RTR1 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 92 page
background image
CC2420
SWRS041B
Page 19 of 89
9
Application Circuit
Few external components are required for
the
operation
of
CC2420. A typical
application circuit is shown in Figure 4.
The external components shown are
described in Table 1 and typical values
are given in Table 2. Note that most
decoupling capacitors are not shown on
the application circuits. For the complete
reference design please refer to Texas
Instrument’s web site: http://www.ti.com.
9.1
Input / output matching
The RF input/output is high impedance
and differential. The optimum differential
load for the RF port is 95+j187
Ω.
When using an unbalanced antenna such
as a monopole, a balun should be used in
order to optimise performance. The balun
can be implemented using low-cost
discrete inductors and capacitors only or
in combination with transmission lines.
Figure 3 shows the balun implemented in
a two-layer reference design. It consists of
a half wave transmission line, C81, L61,
L71 and L81. The circuit will present the
optimum RF termination to
CC2420 with a
50
Ω load on the antenna connection. This
circuit has improved EVM performance,
sensitivity
and
harmonic
suppression
compared to the design in Figure 4.
Please refer to the input/output matching
section on page 54 for more details.
The balun in Figure 4 consists of C61,
C62, C71, C81, L61, L62 and L81, and will
present the optimum RF termination to
CC2420 with a 50 Ω load on the antenna
connection. A low pass filter may be
added to add margin to the FCC
requirement on second harmonic level.
If a balanced antenna such as a folded
dipole is used, the balun can be omitted. If
the antenna also provides a DC path from
the TXRX_SWITCH pin to the RF pins,
inductors are not needed for DC bias.
Figure 5 shows a suggested application
circuit using a differential antenna. The
antenna type is a standard folded dipole.
The dipole has a virtual ground point;
hence
bias
is
provided
without
degradation in antenna performance.
9.2
Bias resistor
The bias resistor R451 is used to set an
accurate bias current.
9.3
Crystal
An external crystal with two loading
capacitors (C381 and C391) is used for
the crystal oscillator. See page 53 for
details.
9.4
Voltage regulator
The on chip voltage regulator supplies all
1.8 V power supply inputs. C42 is required
for stability of the regulator. A series
resistor may be used to comply with the
ESR requirement.
9.5
Power supply decoupling and
filtering
Proper power supply decoupling must be
used for optimum performance. The
placement and size of the decoupling
capacitors and the power supply filtering
are very important to achieve the best
performance in an application. Texas
Instruments provides a compact reference
design that should be followed very
closely..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com