Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 49 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 49 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 45Page - Texas Instruments CC2420-RTR1 Datasheet HTML 46Page - Texas Instruments CC2420-RTR1 Datasheet HTML 47Page - Texas Instruments CC2420-RTR1 Datasheet HTML 48Page - Texas Instruments CC2420-RTR1 Datasheet HTML 49Page - Texas Instruments CC2420-RTR1 Datasheet HTML 50Page - Texas Instruments CC2420-RTR1 Datasheet HTML 51Page - Texas Instruments CC2420-RTR1 Datasheet HTML 52Page - Texas Instruments CC2420-RTR1 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
CC2420
SWRS041B
Page 49 of 89
-60
-40
-20
0
20
40
60
-100
-80
-60
-40
-20
0
RF Level [dBm]
Figure 27. Typical RSSI value vs. input power
24 Link Quality Indication
The
link
quality
indication
(LQI)
measurement is a characterisation of the
strength and/or quality of a received
packet, as defined by [1].
The RSSI value described in the previous
section may be used by the MAC software
to produce the LQI value. The LQI value is
required by [1] to be limited to the range 0
through 255, with at least 8 unique values.
Software is responsible for generating the
appropriate scaling of the LQI value for the
given application.
Using the RSSI value directly to calculate
the LQI value has the disadvantage that
e.g. a narrowband interferer inside the
channel bandwidth will increase the LQI
value although it actually reduces the true
link quality.
CC2420 therefore also provides
an average correlation value for each
incoming packet, based on the 8 first
symbols following the SFD. This unsigned
7-bit value can be looked upon as a
measurement of the “chip error rate,”
although
CC2420 does not do chip
decision.
As
described
in
the
Frame
check
sequence section on page 38, the average
correlation value for the 8 first symbols is
appended to each received frame together
with the RSSI and CRC OK/not OK when
MDMCTRL0.AUTOCRC
is set. A correlation
value of ~110 indicates a maximum quality
frame while a value of ~50 is typically the
lowest
quality
frames
detectable by
CC2420.
Software must convert the correlation
value to the range 0-255 defined by [1],
e.g. by calculating:
LQI = (CORR – a) · b
limited to the range 0-255, where a and b
are found empirically based on PER
measurements as a function of the
correlation value.
A combination of RSSI and correlation
values may also be used to generate the
LQI value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com