Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 69 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 69 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 65Page - Texas Instruments CC2420-RTR1 Datasheet HTML 66Page - Texas Instruments CC2420-RTR1 Datasheet HTML 67Page - Texas Instruments CC2420-RTR1 Datasheet HTML 68Page - Texas Instruments CC2420-RTR1 Datasheet HTML 69Page - Texas Instruments CC2420-RTR1 Datasheet HTML 70Page - Texas Instruments CC2420-RTR1 Datasheet HTML 71Page - Texas Instruments CC2420-RTR1 Datasheet HTML 72Page - Texas Instruments CC2420-RTR1 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
CC2420
SWRS041B
Page 69 of 89
FSCTRL (0x18) - Frequency Synthesizer Control and Status
Bit
Field Name
Reset
R/W
Description
15:14
LOCK_THR[1:0]
1
R/W
Number of consecutive reference clock periods with successful
synchronisation windows required to indicate lock:
0: 64
1: 128 (recommended)
2: 256
3: 512
13
CAL_DONE
0
R
Calibration has been performed since the last time the frequency
synthesizer was turned on.
12
CAL_RUNNING
0
R
Calibration status, '1' when calibration in progress and ‘0’
otherwise.
11
LOCK_LENGTH
0
R/W
Synchronisation window pulse width:
0: 2 prescaler clock periods (recommended)
1: 4 prescaler clock periods
10
LOCK_STATUS
0
R
Frequency synthesizer lock status:
0 : Frequency synthesizer is out of lock
1 : Frequency synthesizer is in lock
9:0
FREQ[9:0]
357
(2405
MHz)
R/W
Frequency control word, controlling the RF operating frequency
FC. In transmit mode, the local oscillator (LO) frequency equals
FC. In receive mode, the LO frequency is 2 MHz below FC.
FC = 2048 + FREQ[9:0] MHz
See the Frequency and Channel Programming section on page
50 for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com